Electronic Components Datasheet Search
  English  ▼

X  

CS51031GD8 Datasheet(PDF) 1 Page - ON Semiconductor

Part # CS51031GD8
Description  Fast P?묬h FET Buck Controller
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

CS51031GD8 Datasheet(HTML) 1 Page - ON Semiconductor

  CS51031GD8 Datasheet HTML 1Page - ON Semiconductor CS51031GD8 Datasheet HTML 2Page - ON Semiconductor CS51031GD8 Datasheet HTML 3Page - ON Semiconductor CS51031GD8 Datasheet HTML 4Page - ON Semiconductor CS51031GD8 Datasheet HTML 5Page - ON Semiconductor CS51031GD8 Datasheet HTML 6Page - ON Semiconductor CS51031GD8 Datasheet HTML 7Page - ON Semiconductor CS51031GD8 Datasheet HTML 8Page - ON Semiconductor CS51031GD8 Datasheet HTML 9Page - ON Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 10 page
background image
VGATE
PGND
COSC
GND
VC
CS
VCC
VFB
RVCC
100
W
CVCC
0.1
mF
CS
0.1
mF
COSC
470 pF
VGATE
RA
1.5 k
W
RB
2.5 k
W
CRR
0.1
mF
CO
100
mF × 2
VO
3.3 V @ 3 A
L
4.7
mH
MBRS360
D1
5.0 V−12 V
CIN
47
mF
MP1
IRF7416
Figure 1. Typical Application Diagram
© Semiconductor Components Industries, LLC, 2005
October, 2005 − Rev. 11
1
Publication Order Number:
CS51031/D
CS51031
Fast P−Ch FET
Buck Controller
The CS51031 is a switching controller for use in DC−DC
converters. It can be used in the buck topology with a minimum
number of external components. The CS51031 consists of a VCC
monitor for controlling the state of the device, 1.0 A power driver for
controlling the gate of a discrete P−Channel transistor, fixed frequency
oscillator, short circuit protection timer, programmable Soft−Start,
precision reference, fast output voltage monitoring comparator, and
output stage driver logic with latch.
The high frequency oscillator allows the use of small inductors and
output capacitors, minimizing PC board area and systems cost. The
programmable Soft−Start reduces current surges at startup. The short
circuit protection timer significantly reduces the duty cycle to
approximately 1/30 of its cycle during short circuit conditions.
Features
• 1.0 A Totem Pole Output Driver
• High Speed Oscillator (700 kHz max)
• No Stability Compensation Required
• Lossless Short Circuit Protection
• VCC Monitor
• 2.0% Precision Reference
• Programmable Soft−Start
• Wide Ambient Temperature Range:
♦ Industrial Grade: −40
°C to 85°C
♦ Commercial Grade: 0
°C to 70°C
• Pb−Free Packages are Available
PIN CONNECTIONS
51031 = Device Code
A
= Assembly Location
L
= Wafer Lot
Y
= Year
W
= Work Week
x
= Continuation of Device Code
x = Y or G
G
= Pb−Free Package
SOIC−8
D SUFFIX
CASE 751
1
8
MARKING DIAGRAM
VFB
GND
VCC
COSC
CS
PGND
VC
VGATE
1
http://onsemi.com
See detailed ordering and shipping information in the package
dimensions section on page 2 of this data sheet.
ORDERING INFORMATION
51031
ALYWx
G
1
8


Similar Part No. - CS51031GD8

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
CS51031GD8 ONSEMI-CS51031GD8 Datasheet
86Kb / 12P
Fast PFET Buck Controller
December, 2001 ??Rev. 9
CS51031GD8 ONSEMI-CS51031GD8 Datasheet
100Kb / 10P
Fast P?묬h FET Buck Controller
October, 2005 ??Rev. 11
CS51031GD8G ONSEMI-CS51031GD8G Datasheet
100Kb / 10P
Fast P?묬h FET Buck Controller
October, 2005 ??Rev. 11
More results

Similar Description - CS51031GD8

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
CS51031 ONSEMI-CS51031 Datasheet
86Kb / 12P
Fast PFET Buck Controller
December, 2001 ??Rev. 9
CS51033 ONSEMI-CS51033 Datasheet
86Kb / 12P
Fast PFET Buck Controller
October, 2002 ??Rev. 8
CS51033 ONSEMI-CS51033_05 Datasheet
96Kb / 10P
Fast P?묬h FET Buck Controller
October, 2005 ??Rev. 10
logo
Winbond
W83320S WINBOND-W83320S Datasheet
506Kb / 18P
N-Channel FET Synchronous Buck Regulator Controller
W83321S WINBOND-W83321S Datasheet
795Kb / 18P
N-Channel FET Synchronous Buck Regulator Controller
logo
HTC Korea TAEJIN Techno...
LM51031 HTC-LM51031 Datasheet
273Kb / 9P
Fast PFET Buck Controller
logo
NTE Electronics
NTE2905 NTE-NTE2905 Datasheet
100Kb / 3P
P?묬h, Enhancement Mode High Speed Switch
logo
Texas Instruments
LM3409 TI1-LM3409 Datasheet
1Mb / 45P
P-FET Buck Controller for High-Power LED Drivers
logo
ON Semiconductor
CS51031 ONSEMI-CS51031_10 Datasheet
100Kb / 10P
Fast P?묬h FET Buck Controller
October, 2005 ??Rev. 11
logo
Nuvoton Technology Corp...
W83321S NUVOTON-W83321S Datasheet
571Kb / 18P
N-Channel FET Synchronous Buck Regulator Controller
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com