Electronic Components Datasheet Search
  English  ▼

X  

CS51311 Datasheet(PDF) 13 Page - ON Semiconductor

Part # CS51311
Description  Synchronous CPU Buck Controller for 12 V and 5.0 V Applications
PDF  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

CS51311 Datasheet(HTML) 13 Page - ON Semiconductor

Back Button CS51311 Datasheet HTML 9Page - ON Semiconductor CS51311 Datasheet HTML 10Page - ON Semiconductor CS51311 Datasheet HTML 11Page - ON Semiconductor CS51311 Datasheet HTML 12Page - ON Semiconductor CS51311 Datasheet HTML 13Page - ON Semiconductor CS51311 Datasheet HTML 14Page - ON Semiconductor CS51311 Datasheet HTML 15Page - ON Semiconductor CS51311 Datasheet HTML 16Page - ON Semiconductor CS51311 Datasheet HTML 17Page - ON Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 21 page
background image
CS51311
http://onsemi.com
13
DVOUT + DVESR ) DVESL ) DVCAP
Step 3: Selection of the Duty Cycle,
Switching Frequency, Switch On−Time (TON)
and Switch Off−Time (TOFF)
The duty cycle of a buck converter (including parasitic
losses) is given by the formula:
Duty Cycle + D +
VOUT ) (VHFET ) VL ) VDROOP)
VIN ) VLFET * VHFET * VL
where:
VOUT = buck regulator output voltage;
VHFET = high side FET voltage drop due to RDS(ON);
VL = output inductor voltage drop due to inductor wire DC
resistance;
VDROOP = droop (current sense) resistor voltage drop;
VIN = buck regulator input voltage;
VLFET = low side FET voltage drop due to RDS(ON).
Step3a: Calculation of Switch On−Time
The Switch On−Time (time during which the switching
MOSFET in a synchronous buck topology is conducting) is
determined by:
TON +
Duty Cycle
FSW
where FSW = regulator switching frequency selected by the
designer.
Higher operating frequencies allow the use of smaller
inductor and capacitor values. Nevertheless, it is common to
select lower frequency operation because a higher frequency
results in lower efficiency due to MOSFET gate charge
losses. Additionally, the use of smaller inductors at higher
frequencies results in higher ripple current, higher output
voltage ripple, and lower efficiency at light load currents.
Step 3b: Calculation of Switch Off−Time
The Switch Off−Time (time during which the switching
MOSFET is not conducting) can be determined by:
TOFF + 1.0
FSW
* TON
The COFF capacitor value has to be selected in order to set
the Off−Time, TOFF, above:
COFF +
Period
(1.0 * D)
3980
where:
3980 is a characteristic factor of the CS51311;
D = Duty Cycle.
Step 4: Selection of the Output Inductor
The inductor should be selected based on its inductance,
current capability, and DC resistance. Increasing the
inductor value will decrease output voltage ripple, but
degrade transient response. There are many factors to
consider in selecting the inductor including cost, efficiency,
EMI and ease of manufacture. The inductor must be able to
handle the peak current at the switching frequency without
saturating, and the copper resistance in the winding should
be kept as low as possible to minimize resistive power loss.
There are a variety of materials and types of magnetic cores
that could be used for this application. Among them are
ferrites, molypermalloy cores (MPP), amorphous and
powdered iron cores. Powdered iron cores are very
commonly used. Powdered iron cores are very suitable due
to their high saturation flux density and have low loss at high
frequencies, a distributed gap and exhibit very low EMI.
The inductor value can be determined by:
L +
(VIN * VOUT)
tTR
DI
where:
VIN = input voltage;
VOUT = output voltage;
tTR = output voltage transient response time (assigned by
the designer);
ΔI = load transient.
The inductor ripple current can then be determined:
DIL +
VOUT
TOFF
L
where:
ΔIL = inductor ripple current;
VOUT = output voltage;
TOFF = switch Off−Time;
L = inductor value.
The designer can now verify if the number of output
capacitors from Step 2 will provide an acceptable output
voltage ripple (1.0% of output voltage is common). The
formula below is used:
DIL + D
VOUT
ESRMAX
Rearranging we have:
ESRMAX + D
VOUT
DIL
where
ESRMAX = maximum allowable ESR;
ΔVOUT = 1.0% × VOUT = maximum allowable output
voltage ripple ( budgeted by the designer );
ΔIL = inductor ripple current;
VOUT = output voltage.
The number of output capacitors is determined by:
Number of capacitors +
ESRCAP
ESRMAX
where ESRCAP = maximum ESR per capacitor (specified in
manufacturer’s data sheet).
The designer must also verify that the inductor value
yields reasonable inductor peak and valley currents (the
inductor current is a triangular waveform):
IL(PEAK) + IOUT ) D
IL
2.0
where:
IL(PEAK) = inductor peak current;
IOUT = load current;



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com