Electronic Components Datasheet Search
  English  ▼

X  

CS51411 Datasheet(PDF) 16 Page - ON Semiconductor

Part # CS51411
Description  1.5 A, 260 kHz and 520 kHz, Low Voltage Buck Regulators with External Bias or Synchronization Capability
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

CS51411 Datasheet(HTML) 16 Page - ON Semiconductor

Back Button CS51411 Datasheet HTML 12Page - ON Semiconductor CS51411 Datasheet HTML 13Page - ON Semiconductor CS51411 Datasheet HTML 14Page - ON Semiconductor CS51411 Datasheet HTML 15Page - ON Semiconductor CS51411 Datasheet HTML 16Page - ON Semiconductor CS51411 Datasheet HTML 17Page - ON Semiconductor CS51411 Datasheet HTML 18Page - ON Semiconductor CS51411 Datasheet HTML 19Page - ON Semiconductor CS51411 Datasheet HTML 20Page - ON Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 16 / 20 page
background image
CS51411, CS51412, CS51413, CS51414
http://onsemi.com
16
Table 1.
Part Number
VBREAKDOWN (V)
IAVERAGE (A)
V(F) (V) @ IAVERAGE
Package
1N5817
20
1.0
0.45
Axial Lead
1N5818
30
1.0
0.55
Axial Lead
1N5819
40
1.0
0.6
Axial Lead
MBR0520
20
0.5
0.385
SOD−123
MBR0530
30
0.5
0.43
SOD−123
MBR0540
40
0.5
0.53
SOD−123
MBRS120
20
1.0
0.55
SMB
MBRS130
30
1.0
0.395
SMB
MBRS140
40
1.0
0.6
SMB
Table 2.
Vendor
Product Family
Web Site
Telephone
Coiltronics
UNI−Pac1/2: SMT, barrel
THIN−PAC: SMT, toroid, low profile
CTX: Leaded, toroid
www.coiltronics.com
(516) 241−7876
Coilcraft
DO1608: SMT, barrel
DS/DT 1608: SMT, barrel, magnetically shielded
DO3316: SMT, barrel
DS/DT 3316: SMT, barrel, magnetically shielded
DO3308: SMT, barrel, low profile
www.coilcraft.com
(800) 322−2645
Pulse
−
www.pulseeng.com
(619) 674−8100



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com