Electronic Components Datasheet Search
  English  ▼

X  

LIS3L02ALTR Datasheet(PDF) 2 Page - STMicroelectronics

Part # LIS3L02ALTR
Description  MEMS INERTIAL SENSOR: 3-axis - /-2g ultracompact linear accelerometer
PDF  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

LIS3L02ALTR Datasheet(HTML) 2 Page - STMicroelectronics

  LIS3L02ALTR Datasheet HTML 1Page - STMicroelectronics LIS3L02ALTR Datasheet HTML 2Page - STMicroelectronics LIS3L02ALTR Datasheet HTML 3Page - STMicroelectronics LIS3L02ALTR Datasheet HTML 4Page - STMicroelectronics LIS3L02ALTR Datasheet HTML 5Page - STMicroelectronics LIS3L02ALTR Datasheet HTML 6Page - STMicroelectronics LIS3L02ALTR Datasheet HTML 7Page - STMicroelectronics LIS3L02ALTR Datasheet HTML 8Page - STMicroelectronics LIS3L02ALTR Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 17 page
background image
Contents
LIS3L02AL
2/17
Contents
1
Block diagram & pins description . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 3
1.1
Block diagram . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 3
1.2
Pin Description . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 3
2
Mechanical and electrical specifications . . . . . . . . . . . . . . . . . . . . . . . . 5
2.1
Mechanical characteristics . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 5
2.2
Electrical Characteristics . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 6
2.3
Absolute maximum ratings . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 7
2.4
Terminology . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 7
3
Functionality . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 9
3.1
Sensing element . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 9
3.2
IC Interface . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 9
3.3
Factory calibration . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 9
4
Application hints . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 10
4.1
Soldering information . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 11
4.2
Output response vs. orientation . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 11
5
Typical performance characteristics . . . . . . . . . . . . . . . . . . . . . . . . . . . 12
5.1
Mechanical Characteristics at 25°C . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 12
5.2
Mechanical Characteristics derived from measurement in the
-40°C to +85°C temperature range . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 13
5.3
Electrical characteristics at 25°C . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 14
6
Package Information . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 15
7
Revision history . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 16



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com