Electronic Components Datasheet Search
  English  ▼

X  

DAP222 Datasheet(PDF) 1 Page - ON Semiconductor

Part # DAP222
Description  Common Anode Silicon Dual Switching Diodes
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

DAP222 Datasheet(HTML) 1 Page - ON Semiconductor

  DAP222 Datasheet HTML 1Page - ON Semiconductor DAP222 Datasheet HTML 2Page - ON Semiconductor DAP222 Datasheet HTML 3Page - ON Semiconductor DAP222 Datasheet HTML 4Page - ON Semiconductor DAP222 Datasheet HTML 5Page - ON Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 1 / 5 page
background image
© Semiconductor Components Industries, LLC, 2005
October, 2005 − Rev. 5
1
Publication Order Number:
DAP222/D
DAP222, DAP202U
Preferred Device
Common Anode Silicon
Dual Switching Diodes
These Common Anode Silicon Epitaxial Planar Dual Diodes are
designed for use in ultra high speed switching applications. The
DAP222 device is housed in the SC−75/SOT−416 package which is
designed for low power surface mount applications, where board
space is at a premium. The DAP202U device is housed in the
SC−70/SOT−323 package.
Features
• Fast trr
• Low CD
• Pb−Free Packages are Available
MAXIMUM RATINGS (TA = 25°C)
Rating
Symbol
Value
Unit
Reverse Voltage
VR
80
Vdc
Peak Reverse Voltage
VRM
80
Vdc
Forward Current
IF
100
mAdc
Peak Forward Current
IFM
300
mAdc
Peak Forward Surge Current
IFSM(1)
2.0
Adc
THERMAL CHARACTERISTICS
Rating
Symbol
Max
Unit
Power Dissipation
PD
150
mW
Junction Temperature
TJ
150
°C
Storage Temperature
Tstg
−55 ~ + 150
°C
Maximum ratings are those values beyond which device damage can occur.
Maximum ratings applied to the device are individual stress limit values (not
normal operating conditions) and are not valid simultaneously. If these limits are
exceeded, device functional operation is not implied, damage may occur and
reliability may be affected.
http://onsemi.com
Preferred devices are recommended choices for future use
and best overall value.
Device
Package
Shipping†
ORDERING INFORMATION
DAP222
SC−75
3000 / Tape & Reel
DAP202U
SC−70
3000 / Tape & Reel
SC−75
CASE 463
STYLE 4
MARKING
DIAGRAMS
1
2
3
1
2
3
SC−70
CASE 419
DAP222T1
SC−75
3000 / Tape & Reel
DAP222T1G
SC−75
(Pb−Free)
3000 / Tape & Reel
†For information on tape and reel specifications,
including part orientation and tape sizes, please
refer to our Tape and Reel Packaging Specifications
Brochure, BRD8011/D.
ANODE
3
12
CATHODE
DAP202UG
SC−70
(Pb−Free)
3000 / Tape & Reel
P9 M
G
G
1
P9, NB = Device Codes
M
= Date Code*
G
= Pb−Free Package
*Date Code orientation and/or orientation may
vary depending upon manufacturing location.
DAP222G
SC−75
(Pb−Free)
3000 / Tape & Reel
NB M
G
G
(Note: Microdot may be in either location)
1


Similar Part No. - DAP222

ManufacturerPart #DatasheetDescription
logo
Motorola, Inc
DAP222 MOTOROLA-DAP222 Datasheet
90Kb / 6P
SOT-416/SC-90 PACKAGE COMMON ANODE DUAL SWITCHING DIODE SURFACE MOUNT
logo
ON Semiconductor
DAP222 ONSEMI-DAP222 Datasheet
54Kb / 6P
Common Anode Silicon Dual Switching Diodes
April, 2004 ??Rev. 4
logo
Diodes Incorporated
DAP222 DIODES-DAP222 Datasheet
63Kb / 4P
Ultra high speed switching
logo
Rohm
DAP222 ROHM-DAP222 Datasheet
530Kb / 3P
Switching diode
logo
TRANSYS Electronics Lim...
DAP222 TEL-DAP222 Datasheet
57Kb / 1P
Plastic-Encapsulated Diode
More results

Similar Description - DAP222

ManufacturerPart #DatasheetDescription
logo
Motorola, Inc
M1MA151WAT1 MOTOROLA-M1MA151WAT1 Datasheet
85Kb / 6P
Common Anode Silicon Dual Switching Diodes
logo
Leshan Radio Company
M1MA151WKT1 LRC-M1MA151WKT1 Datasheet
58Kb / 2P
Common Anode Silicon Dual Switching diodes
M1MAWAT1 LRC-M1MAWAT1 Datasheet
58Kb / 2P
Common Anode Silicon Dual Switching diodes
logo
ON Semiconductor
DAP202U ONSEMI-DAP202U Datasheet
54Kb / 6P
Common Anode Silicon Dual Switching Diodes
April, 2004 ??Rev. 4
logo
Leshan Radio Company
LM1MA151WAT1 LRC-LM1MA151WAT1 Datasheet
67Kb / 3P
Common Anode Silicon Dual Switching diodes
M1MA151WALT1 LRC-M1MA151WALT1 Datasheet
111Kb / 3P
Common Anode Silicon Dual Switching diodes
M1MA151WKLT1 LRC-M1MA151WKLT1 Datasheet
102Kb / 3P
Common Anode Silicon Dual Switching diodes
logo
E-Tech Electronics LTD
M1MA151WAT1 ETL-M1MA151WAT1 Datasheet
118Kb / 2P
Common Anode Silicon Dual Switching diodes
M1MA151WKT1 ETL-M1MA151WKT1 Datasheet
102Kb / 2P
Common Anode Silicon Dual Switching diodes
logo
Leshan Radio Company
LM1MA152WALT1G LRC-LM1MA152WALT1G Datasheet
148Kb / 3P
Common Anode Silicon Dual Switching Diodes
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com