Electronic Components Datasheet Search
  English  ▼

X  

D44H Datasheet(PDF) 4 Page - ON Semiconductor

Part # D44H
Description  Complementary Silicon Power Transistors
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

D44H Datasheet(HTML) 4 Page - ON Semiconductor

  D44H Datasheet HTML 1Page - ON Semiconductor D44H Datasheet HTML 2Page - ON Semiconductor D44H Datasheet HTML 3Page - ON Semiconductor D44H Datasheet HTML 4Page - ON Semiconductor D44H Datasheet HTML 5Page - ON Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 4 / 5 page
background image
D44H Series (NPN),
http://onsemi.com
4
Figure 7. D44H11 ON−Voltage
Figure 8. D45H11 ON−Voltage
IC, COLLECTOR CURRENT (AMPS)
IC, COLLECTOR CURRENT (AMPS)
10
1
0.1
0
0.2
1.2
10
1
0.1
0
0.2
0.6
1.4
VBE(sat) @ IC/IB = 10
125
°C
−40
°C
25
°C
0.4
0.6
0.8
1.0
0.4
1.0
0.8
VBE(sat) @ IC/IB = 10
125
°C
−40
°C
25
°C
1.2
100
1.0
VCE, COLLECTOR−EMITTER VOLTAGE (VOLTS)
5.0
10
TC ≤ 70° C
DUTY CYCLE
≤ 50%
2.0 3.0
20
30
50
100
1.0
7.0
D44H/45H8
D44H/45H10,11
Figure 9. Maximum Rated Forward Bias
Safe Operating Area
70
1.0
ms
dc
0.1
0.2
0.3
0.5
2.0
3.0
5.0
10
20
30
50
10
ms
100
ms
1.0 ms
0
Figure 10. Power Derating
T, TEMPERATURE (
°C)
0
40
60
100
120
160
40
TC
20
60
0
2.0
TA
1.0
3.0
80
140
TC
TA
20
t, TIME (ms)
0.01
0.01
0.05
1.0
2.0
5.0
10
20
50
500 1.0 k
0.1
0.5
0.2
1.0
0.2
0.1
0.05
ZqJC(t) = r(t) RqJC
RqJC = 1.56°C/W MAX
D CURVES APPLY FOR POWER
PULSE TRAIN SHOWN
READ TIME AT t1
TJ(pk) − TC = P(pk) ZqJC(t)
P(pk)
t1
t2
DUTY CYCLE, D = t1/t2
0.2
SINGLE PULSE
Figure 11. Thermal Response
0.5
D = 0.5
0.05
0.3
0.7
0.07
0.03
0.02
0.02
100
200
0.1
0.02
0.01



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com