Electronic Components Datasheet Search
  English  ▼

X  

SP3081E Datasheet(PDF) 10 Page - Sipex Corporation

Part # SP3081E
Description  Advanced-Failsafe RS-485/RS-422 Transceivers 1/8th Unit Load, Slew-Rate Limited, 짹15kV ESD-Protected
PDF  25 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SIPEX [Sipex Corporation]
Direct Link  http://www.sipex.com
Logo SIPEX - Sipex Corporation

SP3081E Datasheet(HTML) 10 Page - Sipex Corporation

Back Button SP3081E Datasheet HTML 6Page - Sipex Corporation SP3081E Datasheet HTML 7Page - Sipex Corporation SP3081E Datasheet HTML 8Page - Sipex Corporation SP3081E Datasheet HTML 9Page - Sipex Corporation SP3081E Datasheet HTML 10Page - Sipex Corporation SP3081E Datasheet HTML 11Page - Sipex Corporation SP3081E Datasheet HTML 12Page - Sipex Corporation SP3081E Datasheet HTML 13Page - Sipex Corporation SP3081E Datasheet HTML 14Page - Sipex Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 25 page
background image
Rev M 2/22/2007
SP3080E-3088E Advanced RS485 Transceivers
© Copyright 2007 Sipex Corporation
10
TYPICAL PERFORMANCE CHARACTERISTICS
Driver Average Propagation Delay
vs Temperature (SP3086-SP3088)
10
10.5
11
11.5
12
12.5
13
13.5
-60
-40
-20
0
20
40
60
80
100
Temperature (ºC)
Propagation Delay (ns)
R
L
L=50pF
RL=54Ω, CL=50pF
Driver Propagation Delay
vs Temperature (SP3086-SP3088)
8
9
10
11
12
13
14
15
-60
-40
-20
0
20
40
60
80
100
Temperature (ºC)
Propagation Delay (ns)
t
PLH
t
PHL
R
L
L=50pF
RL=54Ω, CL=50pF
Receiver Propagation Delay
vs Temperature (SP3083-SP3085)
115
120
125
130
135
140
145
150
155
-60
-40
-20
0
20
40
60
80
100
Temperature (ºC)
Propagation Delay (ns)
tPLH
tPHL
CL=15pF, V ID=±2V
RL=54Ω, CL=50pF
Driver Propagation Delay
vs Temperature (SP3083-SP3085)
390
400
410
420
430
440
450
460
-60
-40
-20
0
20
40
60
80
100
Temperature (ºC)
Propagation Delay (ns)
t
PLH
t
PHL
R
L
L=50pF
70
80
90
100
110
120
-60
-40
-20
0
20
40
60
80
100
Temperature (ºC)
Propagation Delay (ns)
CL=15pF, VID=±2V
Receiver Average Propagation Delay vs
Temperature (SP3080-SP3082)
Receiver Propagation Delay vs
Temperature (SP3080-SP3082)
70
80
90
100
110
120
-60
-40
-20
0
20
40
60
80
100
Temperature (ºC)
Propagation Delay (ns)
tPLH
tPHL
CL=15pF, VID=±2V
RL=54Ω, CL=50pF
RL=54Ω, CL=50pF



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com