Electronic Components Datasheet Search
  English  ▼

X  

SP3082E Datasheet(PDF) 7 Page - Sipex Corporation

Part # SP3082E
Description  Advanced-Failsafe RS-485/RS-422 Transceivers 1/8th Unit Load, Slew-Rate Limited, 짹15kV ESD-Protected
PDF  25 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SIPEX [Sipex Corporation]
Direct Link  http://www.sipex.com
Logo SIPEX - Sipex Corporation

SP3082E Datasheet(HTML) 7 Page - Sipex Corporation

Back Button SP3082E Datasheet HTML 3Page - Sipex Corporation SP3082E Datasheet HTML 4Page - Sipex Corporation SP3082E Datasheet HTML 5Page - Sipex Corporation SP3082E Datasheet HTML 6Page - Sipex Corporation SP3082E Datasheet HTML 7Page - Sipex Corporation SP3082E Datasheet HTML 8Page - Sipex Corporation SP3082E Datasheet HTML 9Page - Sipex Corporation SP3082E Datasheet HTML 10Page - Sipex Corporation SP3082E Datasheet HTML 11Page - Sipex Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 25 page
background image
7
Rev M 2/22/2007
SP3080E-3088E Advanced RS485 Transceivers
© Copyright 2007 Sipex Corporation
TYPICAL PERFORMANCE CHARACTERISTICS
TIMING CHARACTERISTICS
No-load Supply Current vs Temperature
200
225
250
275
300
325
350
-60
-40
-20
0
20
40
60
80
100
Temperature (ºC)
No-Load Supply Current (uA)
DE = Vcc
DE = GND
Shutdown Current vs Temperature
500
550
600
650
700
-60
-40
-20
0
20
40
60
80
100
Temperature (ºC)
Shutdown Current (nA)
Supply Current vs Signaling Rate
(SP3080-SP3082)
0.1
1
10
100
1000
1
10
100
1000
Signaling Rate (kbps)
Supply Current (mA)
Driver and Receiver
Receiver Only
No Load
VCC=5V
TA=25ºC
50% Square wave input
Supply Current vs Signaling Rate
(SP3083-SP3085)
0.1
1
10
100
1000
1
10
100
1000
Signaling Rate (kbps)
Supply Current (mA)
Receiver Only
Driver and Receiver
No Load
VCC=5V
TA=25ºC
50% Square wave input
Supply Current vs Signaling Rate
(SP3086-SP3088)
0.1
1
10
100
1
10
100
1000
10000
100000
Signaling Rate (kbps)
Supply Current (mA)
Receiver Only
Driver and Receiver
No Load
VCC=5V
TA=25ºC
50% Square wave input
Output Current vs Driver Output Low
Voltage
0
10
20
30
40
50
60
70
80
90
100
0
1
2
3
4
5
6
Output Low Voltage (V)
Output Current (mA)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com