Electronic Components Datasheet Search
  English  ▼

X  

SP3085EEN Datasheet(PDF) 6 Page - Sipex Corporation

Part # SP3085EEN
Description  Advanced-Failsafe RS-485/RS-422 Transceivers 1/8th Unit Load, Slew-Rate Limited, 짹15kV ESD-Protected
PDF  25 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SIPEX [Sipex Corporation]
Direct Link  http://www.sipex.com
Logo SIPEX - Sipex Corporation

SP3085EEN Datasheet(HTML) 6 Page - Sipex Corporation

Back Button SP3085EEN Datasheet HTML 2Page - Sipex Corporation SP3085EEN Datasheet HTML 3Page - Sipex Corporation SP3085EEN Datasheet HTML 4Page - Sipex Corporation SP3085EEN Datasheet HTML 5Page - Sipex Corporation SP3085EEN Datasheet HTML 6Page - Sipex Corporation SP3085EEN Datasheet HTML 7Page - Sipex Corporation SP3085EEN Datasheet HTML 8Page - Sipex Corporation SP3085EEN Datasheet HTML 9Page - Sipex Corporation SP3085EEN Datasheet HTML 10Page - Sipex Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 25 page
background image
Rev M 2/22/2007
SP3080E-3088E Advanced RS485 Transceivers
© Copyright 2007 Sipex Corporation
6
TIMING CHARACTERISTICS
SP3080E, SP3081E, SP3082E
Conditions
Min. Typ. Max. Unit
DRIVER CHARACTERISTICS:
Data Signaling Rate (1 / tUI)
Duty Cycle 40 to 60%
115
Kbps
Driver Propagation Delay (tPHL, tPLH)
RL = 54Ω, CL = 50pF,
500
2600 ns
Driver Output Rise/Fall Time (tR, tF)
667 1200 2500
ns
Driver Differential Skew (tPLH – tPHL)
±200 ns
Driver Enable to Output High (tDZH)
SP3080E, SP3081E
3500 ns
Driver Enable to Output Low (tDZL)
3500 ns
Driver Disable from Output High (tDHZ)
100
ns
Driver Disable from Output Low (tDLZ)
100
ns
Shutdown to Driver Output Valid (tDZV)
6000 ns
SP3083E, SP3084E, SP3085E
Conditions
Min. Typ. Max. Unit
DRIVER CHARACTERISTICS:
Data Signaling Rate (1/ tUI)
Duty Cycle 40 to 60%
500
Kbps
Driver Propagation Delay (tPHL, tPLH)
RL = 54Ω, CL = 50pF,
250
1000
ns
Driver Output Rise/Fall Time (tR, tF)
200 530 750
ns
Driver Differential Skew (tPLH – tPHL)
±100
ns
Driver Enable to Output High (tDZH)
SP3083E, SP3084E
2500
ns
Driver Enable to Output Low (tDZL)
2500
ns
Driver Disable from Output High (tDHZ)
100
ns
Driver Disable from Output Low (tDLZ)
100
ns
Shutdown to Driver Output Valid (tDZV)
4500
ns
SP3086E, SP3087E, SP3088E
Conditions
Min. Typ. Max. Unit
DRIVER CHARACTERISTICS:
Data Signaling Rate (1 / tUI)
Duty Cycle 40 to 60%
20
Mbps
Driver Propagation Delay (tPHL, tPLH)
RL = 54Ω, CL = 50pF,
12
20
ns
Driver Output Rise/Fall Time (tR, tF)
6
10
ns
Driver Differential Skew (tPLH – tPHL)
±5
ns
Driver Enable to Output High (tDZH)
SP3086E, SP3087E
150
ns
Driver Enable to Output Low (tDZL)
150
ns
Driver Disable from Output High (tDHZ)
50
ns
Driver Disable from Output Low (tDLZ)
50
ns
Shutdown to Driver Output Valid (tDZZV)
250
ns
Receiver CHARACTERISTICS:
Conditions
Min. Typ. Max. Unit
Receiver Prop. Delay SP3080E - SP3085E CL = 15pF, VID = ±2V,
75
200
ns
Receiver Prop. Delay SP3086E - SP3088E
75
ns
Prop. Delay Skew SP3080E-SP3085E
±30
ns
Prop. Delay Skew SP3086E-SP3088E
±5
ns
Receiver Output Rise/Fall Time
CL = 15pf
15
ns
Receiver Enable to Output High (tZH)
50
ns
Receiver Enable to Output Low (tZL)
50
ns
Receiver Disable from High (tHZ)
50
ns
Receiver Disable from Low (tLZ)
50
ns
Shutdown to Receiver Output Valid (tROV)
3500
ns
Time to Shutdown ((Note 2,3,4)
50
200 600
ns
Unless otherwise noted Vcc= +5.0±0.5V, ambient temperature TA from -40 to +85ºC



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com