Electronic Components Datasheet Search
  English  ▼

X  

LM211D Datasheet(PDF) 4 Page - ON Semiconductor

Part # LM211D
Description  Single Comparators
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

LM211D Datasheet(HTML) 4 Page - ON Semiconductor

  LM211D Datasheet HTML 1Page - ON Semiconductor LM211D Datasheet HTML 2Page - ON Semiconductor LM211D Datasheet HTML 3Page - ON Semiconductor LM211D Datasheet HTML 4Page - ON Semiconductor LM211D Datasheet HTML 5Page - ON Semiconductor LM211D Datasheet HTML 6Page - ON Semiconductor LM211D Datasheet HTML 7Page - ON Semiconductor LM211D Datasheet HTML 8Page - ON Semiconductor LM211D Datasheet HTML 9Page - ON Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 10 page
background image
LM211, LM311
http://onsemi.com
4
Figure 3. Input Bias Current
versus Temperature
Figure 4. Input Offset Current
versus Temperature
Figure 5. Input Bias Current versus
Differential Input Voltage
Figure 6. Common Mode Limits
versus Temperature
TA, TEMPERATURE (°C)
TA, TEMPERATURE (°C)
DIFFERENTIAL INPUT VOLTAGE (V)
140
120
100
80
40
0
140
120
100
80
40
0
60
20
−55
−25
0
25
50
75
100
125
−16
−12
−8.0
−4.0
0
4.0
8.0
12
16
5.0
4.0
3.0
2.0
1.0
0
−55
−25
0
25
50
75
100
125
−55
−25
0
25
50
75
100
125
VCC
−0.5
−1.0
−1.5
0.4
0.2
VEE
TA, TEMPERATURE (°C)
Normal
VCC = +15 V
VEE = −15 V
Referred to Supply Voltages
VCC = +15 V
VEE = −15 V
TA = +25°C
Normal
Pins 5 & 6 Tied
to VCC
VCC = +15 V
VEE = −15 V
Pins 5 & 6 Tied
to VCC
Figure 7. Response Time for
Various Input Overdrives
Figure 8. Response Time for
Various Input Overdrives
tTLH, RESPONSE TIME (ms)
tTHL, RESPONSE TIME (ms)
5.0
4.0
3.0
2.0
1.0
0
0
50
100
0
0.1
0.2
0.3
0.4
0.5
0.6
5.0
4.0
3.0
2.0
1.0
0
−100
−50
0
0
0.1
0.2
0.3
0.4
0.5
0.6
5.0 mV
20 mV
2.0 mV
Vin
+5.0V
500
W
VO
*
)
+5.0V
500
W
VO
Vin
20 mV
5.0 mV
*
)
2.0 mV
VCC = +15 V
VEE = −15 V
TA = +25°C
VCC = +15 V
VEE = −15 V
TA = +25°C



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com