Electronic Components Datasheet Search
  English  ▼

X  

LM323 Datasheet(PDF) 2 Page - ON Semiconductor

Part # LM323
Description  3.0 A Positive Voltage Regulators
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

LM323 Datasheet(HTML) 2 Page - ON Semiconductor

  LM323 Datasheet HTML 1Page - ON Semiconductor LM323 Datasheet HTML 2Page - ON Semiconductor LM323 Datasheet HTML 3Page - ON Semiconductor LM323 Datasheet HTML 4Page - ON Semiconductor LM323 Datasheet HTML 5Page - ON Semiconductor LM323 Datasheet HTML 6Page - ON Semiconductor LM323 Datasheet HTML 7Page - ON Semiconductor LM323 Datasheet HTML 8Page - ON Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 2 / 8 page
background image
LM323, LM323A
http://onsemi.com
2
MAXIMUM RATINGS
Rating
Symbol
Value
Unit
Input Voltage
Vin
20
Vdc
Power Dissipation
PD
Internally Limited
W
Operating Junction Temperature Range
TJ
0 to +125
°C
Storage Temperature Range
Tstg
–65 to +150
°C
Lead Temperature (Soldering, 10 s)
Tsolder
300
°C
ELECTRICAL CHARACTERISTICS (TJ = Tlow to Thigh [Note 1], unless otherwise noted.)
LM323A
LM323
Characteristics
Symbol
Min
Typ
Max
Min
Typ
Max
Unit
Output Voltage
(Vin = 7.5 V, 0 ≤ Iout ≤ 3.0 A, TJ = 25°C)
VO
4.9
5.0
5.1
4.8
5.0
5.2
V
Output Voltage
(7.5 V
≤ Vin ≤ 15 V, 0 ≤ Iout ≤ 3.0 A,
P
≤ Pmax) (Note 2)
VO
4.8
5.0
5.2
4.75
5.0
5.25
V
Line Regulation
(7.5 V
≤ Vin ≤ 15 V, TJ = 25°C) (Note 3)
Regline
–
1.0
15
–
1.0
25
mV
Load Regulation
(Vin = 7.5 V, 0 ≤ Iout ≤ 3.0 A, TJ = 25°C)
(Note 3)
Regload
–
10
50
–
10
100
mV
Thermal Regulation
(Pulse = 10 ms, P = 20 W, TA = 25°C)
Regtherm
–
0.001
0.01
–
0.002
0.03
%VO/W
Quiescent Current
(7.5 V
≤ Vin ≤ 15 V, 0 ≤ Iout ≤ 3.0 A)
IB
–
3.5
10
–
3.5
20
mA
Output Noise Voltage
(10 Hz
≤ f ≤ 100 kHz, TJ = 25°C)
VN
–
40
–
–
40
–
µVrms
Ripple Rejection
(8.0 V
≤ Vin ≤ 18 V, Iout = 2.0A,
f = 120 Hz, TJ = 25°C)
RR
66
75
–
62
75
–
dB
Short Circuit Current Limit
(Vin = 15 V, TJ = 25°C)
(Vin = 7.5 V, TJ = 25°C)
ISC
–
–
4.5
5.5
–
–
–
–
4.5
5.5
–
–
A
Long Term Stability
S
–
–
35
–
–
35
mV
Thermal Resistance, Junction–to–Case (Note 4)
RΘJC
–
2.0
–
–
2.0
–
°C/W
NOTES: 1. Tlow to Thigh = 0° to +125°C
2. Although power dissipation is internally limited, specifications apply only for P
≤ Pmax = 25 W.
3. Load and line regulation are specified at constant junction temperature. Pulse testing is required with a pulse width
≤ 1.0 ms and a duty cycle ≤ 5%.
4. Without a heatsink, the thermal resistance (RθJA is 65°C/W). With a heatsink, the effective thermal resistance can approach the specified values of
2.0
°C/W, depending on the efficiency of the heatsink.



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com