Electronic Components Datasheet Search
  English  ▼

X  

LM323AT Datasheet(PDF) 4 Page - ON Semiconductor

Part # LM323AT
Description  3.0 A Positive Voltage Regulators
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

LM323AT Datasheet(HTML) 4 Page - ON Semiconductor

  LM323AT Datasheet HTML 1Page - ON Semiconductor LM323AT Datasheet HTML 2Page - ON Semiconductor LM323AT Datasheet HTML 3Page - ON Semiconductor LM323AT Datasheet HTML 4Page - ON Semiconductor LM323AT Datasheet HTML 5Page - ON Semiconductor LM323AT Datasheet HTML 6Page - ON Semiconductor LM323AT Datasheet HTML 7Page - ON Semiconductor LM323AT Datasheet HTML 8Page - ON Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 4 / 8 page
background image
LM323, LM323A
http://onsemi.com
4
Figure 3. Temperature Stability
Figure 4. Output Impedance
Figure 5. Ripple Rejection versus Frequency
Figure 6. Ripple Rejection versus Output Current
100
80
60
40
20
1.0
10
100
1.0 k
10 k
100 k
1.0 M 10 M 100 M
f, FREQUENCY (Hz)
Iout = 50 mA
Iout = 3.0 A
Vin = 10 V
CO = 0
TJ = 25°C
100
80
60
40
30
0.01
0.1
1.0
10
Iout, OUTPUT CURRENT (A)
Vin = 10 V
CO = 0
f = 120 Hz
TJ = 25°C
4.0
3.0
2.0
1.0
0
0
5.0
10
15
20
Vin, INPUT VOLTAGE (Vdc)
TJ = 55°C
TJ = 25°C
TJ = 150°C
Iout = 2.0 A
TJ = 150°C
TJ = 25°C
TJ = 55°C
5.0
4.0
3.0
2.0
1.0
0
0.01
0.1
1.0
10
Iout, OUTPUT CURRENT (A)
TJ = -55°C
TJ = 25°C
TJ = 150°C
Vin = 10 V
Figure 7. Quiescent Current versus
Input Voltage
Figure 8. Quiescent Current versus
Output Current
5.1
5.0
4.9
-90
-50
-10
30
70
110
150
190
TJ, JUNCTION TEMPERATURE (°C)
Vin = 10 V
Iout = 100 mA
10
10-1
10-2
10-3
10-4
1.0
10
100
1.0 k
10 k 100 k 1.0 M
10 M 100 M
f, FREQUENCY (Hz)
Vin = 7.5 V
Iout = 1.0 A
CO = 0
TJ = 25°C



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com