Electronic Components Datasheet Search
  English  ▼

X  

LM201AVDR2 Datasheet(PDF) 3 Page - ON Semiconductor

Part # LM201AVDR2
Description  Non Compensated Single Operational Amplifiers
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

LM201AVDR2 Datasheet(HTML) 3 Page - ON Semiconductor

  LM201AVDR2 Datasheet HTML 1Page - ON Semiconductor LM201AVDR2 Datasheet HTML 2Page - ON Semiconductor LM201AVDR2 Datasheet HTML 3Page - ON Semiconductor LM201AVDR2 Datasheet HTML 4Page - ON Semiconductor LM201AVDR2 Datasheet HTML 5Page - ON Semiconductor LM201AVDR2 Datasheet HTML 6Page - ON Semiconductor LM201AVDR2 Datasheet HTML 7Page - ON Semiconductor LM201AVDR2 Datasheet HTML 8Page - ON Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 3 / 8 page
background image
LM301A, LM201A, LM201AV
http://onsemi.com
3
MAXIMUM RATINGS
Value
Rating
Symbol
LM201A
LM201AV
LM301A
Unit
Power Supply Voltage
VCC, VEE
±22
±22
±18
Vdc
Input Differential Voltage
VID
±30
V
Input Common Mode Range (Note 1)
VICR
±15
V
Output Short Circuit Duration
tSC
Continuous
Power Dissipation (Package Limitation)
PD
Plastic Dual−In−Line Package
625
625
625
mW
Derate above TA = +25°C
5.0
5.0
5.0
mW/
°C
Operating Ambient Temperature Range
TA
−25 to +85
−40 to +105
0 to +70
°C
Storage Temperature Range
Tstg
−65 to +150
°C
Maximum ratings are those values beyond which device damage can occur. Maximum ratings applied to the device are individual stress limit
values (not normal operating conditions) and are not valid simultaneously. If these limits are exceeded, device functional operation is not implied,
damage may occur and reliability may be affected.
ELECTRICAL CHARACTERISTICS (TA = +25°C, unless otherwise noted.) Unless otherwise specified, these specifications apply
for supply voltages from
±5.0 V to ±20 V for the LM201A and LM201AV, and from ±5.0 V to ±15 V for the LM301A.
Characteristic
Symbol
LM201A / LM201AV
LM301A
Unit
Min
Typ
Max
Min
Typ
Max
Input Offset Voltage (RS ≤ 50 kW)
VIO
−
0.7
2.0
−
2.0
7.5
mV
Input Offset Current
IIO
−
1.5
10
−
3.0
50
nA
Input Bias Current
IIB
−
30
75
−
70
250
nA
Input Resistance
ri
1.5
4.0
−
0.5
2.0
−
M
W
Supply Current
ICC,IEE
mA
VCC/VEE = ± 20 V
−
1.8
3.0
−
−
−
VCC/VEE = ±15 V
−
−
−
−
1.8
3.0
Large Signal Voltage Gain
AV
50
160
−
25
160
−
V/mV
(VCC/VEE = ±15 V, VO = ±10 V, RL > 2.0 kW)
The following specifications apply over the operating temperature range.
Input Offset Voltage (RS ≤ 50 kW)
VIO
−
−
3.0
−
−
10
mV
Input Offset Current
IIO
−
−
20
−
−
70
nA
Avg Temperature Coefficient of Input Offset
Voltage (Note 2)
DVIO/DT
−
3.0
15
−
6.0
30
mV/°C
TA(min) ≤ TA ≤ TA (max)
Avg Temperature Coefficient of Input Offset
Current (Note 2)
DIIO/DT
nA/
°C
+25
°C ≤ TA ≤ TA (max)
−
0.01
0.1
−
0.01
0.3
TA(min) ≤ TA ≤ 25°C
−
0.02
0.2
−
0.02
0.6
Input Bias Current
IIB
−
−
100
−
−
300
nA
Large Signal Voltage Gain
AVOL
25
−
−
15
−
−
V/mV
(VCC/VEE = ±15 V, VO = ±10V, RL > 2.0 kW)
Input Voltage Range
VICR
V
VCC/VEE = ± 20 V
−15
−
+15
−
−
−
VCC/VEE = ±15 V
−
−
−
−12
−
+12
Common Mode Rejection (RS ≤ 50 kW)
CMR
80
96
−
70
90
−
dB
Supply Voltage Rejection (RS ≤ 50 kW)
PSR
80
96
−
70
96
−
dB
Output Voltage Swing
VO
±12
±14
−
±12
±14
−
V
(VCC/VEE = ±15 V, RL = ±10 kW, RL > 2.0 kW)
±10
±13
−
±10
±13
−
Supply Currents (TA = TA(max), VCC/VEE = ± 20 V)
ICC,IEE
−
1.2
2.5
−
−
−
mA
1. For supply voltages less than
±15 V, the absolute maximum input voltage is equal to the supply voltage.
2. Guaranteed by design.



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com