Electronic Components Datasheet Search
  English  ▼

X  

MAC4DLM Datasheet(PDF) 1 Page - ON Semiconductor

Part # MAC4DLM
Description  Sensitive Gate Triacs Silicon Bidirectional Thyristors
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

MAC4DLM Datasheet(HTML) 1 Page - ON Semiconductor

  MAC4DLM Datasheet HTML 1Page - ON Semiconductor MAC4DLM Datasheet HTML 2Page - ON Semiconductor MAC4DLM Datasheet HTML 3Page - ON Semiconductor MAC4DLM Datasheet HTML 4Page - ON Semiconductor MAC4DLM Datasheet HTML 5Page - ON Semiconductor MAC4DLM Datasheet HTML 6Page - ON Semiconductor MAC4DLM Datasheet HTML 7Page - ON Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 1 / 7 page
background image
© Semiconductor Components Industries, LLC, 2005
November, 2005 − Rev. 3
1
Publication Order Number:
MAC4DLM/D
MAC4DLM
Preferred Device
Sensitive Gate Triacs
Silicon Bidirectional Thyristors
Designed for high volume, low cost, industrial and consumer
applications such as motor control; process control; temperature, light
and speed control.
Features
• Small Size Surface Mount DPAK Package
• Passivated Die for Reliability and Uniformity
• Four−Quadrant Triggering
• Blocking Voltage to 600 V
• On−State Current Rating of 4.0 Amperes RMS at 93°C
• Low Level Triggering and Holding Characteristics
• Epoxy Meets UL 94 V−0 @ 0.125 in
• ESD Ratings: Human Body Model, 3B u 8000 V
Machine Model, C
u 400 V
• Pb−Free Packages are Available
MAXIMUM RATINGS (TJ = 25°C unless otherwise noted)
Rating
Symbol
Value
Unit
Peak Repetitive Off−State Voltage (Note 1)
(TJ = −40 to 110°C, Sine Wave,
50 to 60 Hz, Gate Open)
VDRM,
VRRM
600
V
On−State RMS Current
(Full Cycle Sine Wave, 60 Hz, TC = 93°C)
IT(RMS)
4.0
A
Peak Non-Repetitive Surge Current
(One Full Cycle, 60 Hz, TJ = 110°C)
ITSM
40
A
Circuit Fusing Consideration (t = 8.3 msec)
I2t
6.6
A2sec
Peak Gate Power
(Pulse Width
≤ 10 msec, TC = 93°C)
PGM
0.5
W
Average Gate Power
(t = 8.3 msec, TC = 93°C)
PG(AV)
0.1
W
Peak Gate Current
(Pulse Width
≤ 10 msec, TC = 93°C)
IGM
0.2
A
Peak Gate Voltage
(Pulse Width
≤ 10 msec, TC = 93°C)
VGM
5.0
V
Operating Junction Temperature Range
TJ
−40 to 110
°C
Storage Temperature Range
Tstg
−40 to 150
°C
Maximum ratings are those values beyond which device damage can occur.
Maximum ratings applied to the device are individual stress limit values (not
normal operating conditions) and are not valid simultaneously. If these limits are
exceeded, device functional operation is not implied, damage may occur and
reliability may be affected.
1. VDRM and VRRM for all types can be applied on a continuous basis. Blocking
voltages shall not be tested with a constant current source such that the
voltage ratings of the device are exceeded.
TRIACS
4.0 AMPERES RMS
600 − 800 VOLTS
Preferred devices are recommended choices for future use
and best overall value.
PIN ASSIGNMENT
1
2
3
Gate
Main Terminal 1
Main Terminal 2
4
Main Terminal 2
MT1
G
MT2
See detailed ordering and shipping information in the package
dimensions section on page 2 of this data sheet.
ORDERING INFORMATION
http://onsemi.com
DPAK−3
CASE 369D
STYLE 6
DPAK
CASE 369C
STYLE 6
MARKING
DIAGRAMS
Y
= Year
WW
= Work Week
AC4DLM
= Device Code
G
= Pb−Free Package
1 2
3
4
YWW
AC
4DLMG
1
2
3
4
YWW
AC
4DLMG


Similar Part No. - MAC4DLM

ManufacturerPart #DatasheetDescription
logo
Motorola, Inc
MAC4DLM MOTOROLA-MAC4DLM Datasheet
131Kb / 6P
TRIACS 4.0 AMPERES RMS 600 VOLTS
logo
ON Semiconductor
MAC4DLM ONSEMI-MAC4DLM Datasheet
103Kb / 8P
Sensitive Gate Triacs Silicon Bidirectional Thyristors
August, 2004 ??Rev. 2
logo
Kersemi Electronic Co.,...
MAC4DLM KERSEMI-MAC4DLM Datasheet
451Kb / 7P
Sensitive Gate Triacs
logo
ON Semiconductor
MAC4DLM-001 ONSEMI-MAC4DLM-001 Datasheet
103Kb / 8P
Sensitive Gate Triacs Silicon Bidirectional Thyristors
August, 2004 ??Rev. 2
MAC4DLM-001 ONSEMI-MAC4DLM-001 Datasheet
133Kb / 7P
Sensitive Gate Triacs
August, 2010 ??Rev. 5
More results

Similar Description - MAC4DLM

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
MAC4DLM ONSEMI-MAC4DLM Datasheet
103Kb / 8P
Sensitive Gate Triacs Silicon Bidirectional Thyristors
August, 2004 ??Rev. 2
MAC228A ONSEMI-MAC228A Datasheet
74Kb / 6P
Sensitive Gate Triacs Silicon Bidirectional Thyristors
August, 2004 ??Rev. 3
MAC8S ONSEMI-MAC8S Datasheet
76Kb / 7P
Sensitive Gate Triacs Silicon Bidirectional Thyristors
December, 2005 ??Rev. 5
MAC97 ONSEMI-MAC97 Datasheet
84Kb / 8P
Sensitive Gate Triacs Silicon Bidirectional Thyristors
September, 2005 ??Rev. 9
2N6071A ONSEMI-2N6071A_06 Datasheet
75Kb / 8P
Sensitive Gate Triacs Silicon Bidirectional Thyristors
April, 2006 ??Rev. 7
MAC08BT1 ONSEMI-MAC08BT1_05 Datasheet
94Kb / 7P
Sensitive Gate Triacs Silicon Bidirectional Thyristors
December, 2005 ??Rev. 5
MAC12SM ONSEMI-MAC12SM_05 Datasheet
60Kb / 5P
Sensitive Gate Triacs Silicon Bidirectional Thyristors
December, 2005 ??Rev. 3
T2322B ONSEMI-T2322B Datasheet
56Kb / 4P
Sensitive Gate Triacs Silicon Bidirectional Thyristors
May, 2006 ??Rev. 5
MAC4DHM-1G ONSEMI-MAC4DHM-1G Datasheet
151Kb / 7P
Sensitive Gate Triacs Silicon Bidirectional Thyristors
January, 2009 ??Rev. 6
logo
Kersemi Electronic Co.,...
MAC12SM KERSEMI-MAC12SM Datasheet
417Kb / 6P
Sensitive Gate Triacs Silicon Bidirectional Thyristors
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com