Electronic Components Datasheet Search
  English  ▼

X  

MAC4DSM Datasheet(PDF) 2 Page - ON Semiconductor

Part # MAC4DSM
Description  Triacs Silicon Bidirectional Thyristors
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

MAC4DSM Datasheet(HTML) 2 Page - ON Semiconductor

  MAC4DSM Datasheet HTML 1Page - ON Semiconductor MAC4DSM Datasheet HTML 2Page - ON Semiconductor MAC4DSM Datasheet HTML 3Page - ON Semiconductor MAC4DSM Datasheet HTML 4Page - ON Semiconductor MAC4DSM Datasheet HTML 5Page - ON Semiconductor MAC4DSM Datasheet HTML 6Page - ON Semiconductor MAC4DSM Datasheet HTML 7Page - ON Semiconductor MAC4DSM Datasheet HTML 8Page - ON Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 2 / 8 page
background image
MAC4DSM, MAC4DSN
http://onsemi.com
2
THERMAL CHARACTERISTICS
Characteristic
Symbol
Max
Unit
Thermal Resistance, − Junction−to−Case
− Junction−to−Ambient
− Junction−to−Ambient (Note 2)
RqJC
RqJA
RqJA
3.5
88
80
°C/W
Maximum Lead Temperature for Soldering Purposes (Note 3)
TL
260
°C
ELECTRICAL CHARACTERISTICS (TJ = 25°C unless otherwise noted; Electricals apply in both directions)
Characteristic
Symbol
Min
Typ
Max
Unit
OFF CHARACTERISTICS
Peak Repetitive Blocking Current
(VD = Rated VDRM, VRRM; Gate Open)
TJ = 25°C
TJ = 125°C
IDRM,
IRRM
−
−
−
−
0.01
2.0
mA
ON CHARACTERISTICS
Peak On−State Voltage (Note 4)
(ITM = ± 6.0 A)
VTM
−
1.3
1.6
V
Gate Trigger Current (Continuous dc) (VD = 12 V, RL = 100 W)
MT2(+), G(+)
MT2(+), G(−)
MT2(−), G(−)
IGT
2.9
2.9
2.9
4.0
5.0
7.0
10
10
10
mA
Gate Trigger Voltage (Continuous dc) (VD = 12 V, RL = 100 W)
MT2(+), G(+)
MT2(+), G(−)
MT2(−), G(−)
VGT
0.5
0.5
0.5
0.7
0.65
0.7
1.3
1.3
1.3
V
Gate Non−Trigger Voltage (Continuous dc) (VD = 12 V, RL = 100 W)
MT2(+), G(+); MT2(+), G(−); MT2(−), G(−)
TJ = 125°C
VGD
0.2
0.4
−
V
Holding Current
(VD = 12 V, Gate Open, Initiating Current = ± 200 mA)
IH
2.0
5.5
15
mA
Latching Current (VD = 12 V, IG = 10 mA)
MT2(+), G(+)
MT2(+), G(−)
MT2(−), G(−)
IL
−
−
−
6.0
10
6.0
30
30
30
mA
DYNAMIC CHARACTERISTICS
Characteristic
Symbol
Min
Typ
Max
Unit
Rate of Change of Commutating Current
(VD = 400 V, ITM = 3.5 A, Commutating dv/dt = 10 V/msec, Gate Open, TJ = 125°C,
f = 500 Hz, CL = 5.0
mF, LL = 20 mH, No Snubber) See Figure 16
di/dt(c)
3.0
4.0
−
A/ms
Critical Rate of Rise of Off−State Voltage
(VD = 0.67 X Rated VDRM, Exponential Waveform, Gate Open, TJ = 125°C)
dv/dt
50
175
−
V/
ms
2. These ratings are applicable when surface mounted on the minimum pad sizes recommended.
3. 1/8
″ from case for 10 seconds.
4. Pulse Test: Pulse Width
≤ 2.0 msec, Duty Cycle ≤ 2%.
ORDERING INFORMATION
Device
Package Type
Package
Shipping†
MAC4DSM−001
DPAK−3
369D
75 Units / Rail
MAC4DSM−001G
DPAK−3
(Pb−Free)
369D
75 Units / Rail
MAC4DSMT4
DPAK
369C
2500 / Tape & Reel
MAC4DSMT4G
DPAK
(Pb−Free)
369C
2500 / Tape & Reel
MAC4DSN−001
DPAK−3
369D
75 Units / Rail
MAC4DSN−001G
DPAK−3
(Pb−Free)
369D
75 Units / Rail
MAC4DSNT4
DPAK
369C
2500 / Tape & Reel
MAC4DSNT4G
DPAK
(Pb−Free)
369C
2500 / Tape & Reel
†For information on tape and reel specifications, including part orientation and tape sizes, please refer to our Tape and Reel Packaging
Specifications Brochure, BRD8011/D.



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com