Electronic Components Datasheet Search
  English  ▼

X  

M25P16 Datasheet(PDF) 54 Page - STMicroelectronics

Part # M25P16
Description  16 Mbit, low voltage, Serial Flash memory with 50 MHz SPI bus interface
PDF  55 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

M25P16 Datasheet(HTML) 54 Page - STMicroelectronics

Back Button M25P16 Datasheet HTML 47Page - STMicroelectronics M25P16 Datasheet HTML 48Page - STMicroelectronics M25P16 Datasheet HTML 49Page - STMicroelectronics M25P16 Datasheet HTML 50Page - STMicroelectronics M25P16 Datasheet HTML 51Page - STMicroelectronics M25P16 Datasheet HTML 52Page - STMicroelectronics M25P16 Datasheet HTML 53Page - STMicroelectronics M25P16 Datasheet HTML 54Page - STMicroelectronics M25P16 Datasheet HTML 55Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 54 / 55 page
background image
Revision history
M25P16
54/55
10-Oct-2006
9
Page Program, Sector Erase and Bulk Erase updated in Features.
VIO max modified in Table 9: Absolute maximum ratings.
Table 16: AC characteristics (Grade 6, T9HX (0.11µm) technology)
added.
VFQFPN8 package specifications updated (see Table 18). Note 1 added
to Table 19. Note: on page 52 modified.
09-Jan-2006
10
Small text changes. Hardware Write protection added to Features.
VCC supply voltage and VSS ground signal descriptions added. Figure 4:
Bus master and memory devices on the SPI bus modified, note 2
removed and replaced by an explanatory paragraph. Write In Progress bit
behavior specified at Power-up (see Section 7: Power-up and Power-
down). TLEAD added to Table 9: Absolute maximum ratings. Grade 3
temperature range added.
Table 11: Data retention and endurance and Table 17: AC characteristics
(25 MHz operation, Grade 3) added.
SO8W and VFQFPN8 package specifications updated (see Section 11:
Package mechanical).
Table 24.
Document revision history (continued)
Date
Revision
Changes



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com