Electronic Components Datasheet Search
  English  ▼

X  

MAC12M Datasheet(PDF) 2 Page - ON Semiconductor

Part # MAC12M
Description  Triacs Silicon Bidirectional Thyristors
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

MAC12M Datasheet(HTML) 2 Page - ON Semiconductor

  MAC12M Datasheet HTML 1Page - ON Semiconductor MAC12M Datasheet HTML 2Page - ON Semiconductor MAC12M Datasheet HTML 3Page - ON Semiconductor MAC12M Datasheet HTML 4Page - ON Semiconductor MAC12M Datasheet HTML 5Page - ON Semiconductor MAC12M Datasheet HTML 6Page - ON Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 2 / 6 page
background image
MAC12D, MAC12M, MAC12N
http://onsemi.com
2
THERMAL CHARACTERISTICS
Characteristic
Symbol
Value
Unit
Thermal Resistance,
Junction−to−Case
Junction−to−Ambient
RqJC
RqJA
2.2
62.5
°C/W
Maximum Lead Temperature for Soldering Purposes 1/8
″ from Case for 10 Seconds
TL
260
°C
ELECTRICAL CHARACTERISTICS (TJ = 25°C unless otherwise noted; Electricals apply in both directions)
Characteristic
Symbol
Min
Typ
Max
Unit
OFF CHARACTERISTICS
Peak Repetitive Blocking Current
TJ = 25°C
(VD = Rated VDRM, VRRM, Gate Open)
TJ = 125°C
IDRM,
IRRM
−
−
−
−
0.01
2.0
mA
ON CHARACTERISTICS
Peak On−State Voltage (Note 2) (ITM = "17 A)
VTM
−
−
1.85
V
Gate Trigger Current (Continuous dc) (VD = 12 V, RL = 100 W)
MT2(+), G(+)
MT2(+), G(−)
MT2(−), G(−)
IGT
5.0
5.0
5.0
13
13
13
35
35
35
mA
Hold Current (VD = 12 V, Gate Open, Initiating Current = "150 mA)
IH
−
20
40
mA
Latch Current (VD = 24 V, IG = 35 mA)
MT2(+), G(+)
MT2(+), G(−)
MT2(−), G(−)
IL
−
−
−
20
30
20
50
80
50
mA
Gate Trigger Voltage (Continuous dc) (VD = 12 V, RL = 100 W)
MT2(+), G(+)
MT2(+), G(−)
MT2(−), G(−)
VGT
0.5
0.5
0.5
0.78
0.70
0.71
1.5
1.5
1.5
V
DYNAMIC CHARACTERISTICS
Rate of Change of Commutating Current
(VD = 400 V, ITM = 4.4A, Commutating dv/dt = 18 V/ms, Gate Open,
TJ = 125°C, f = 250 Hz, No Snubber)
(di/dt)c
6.5
−
−
A/ms
Critical Rate of Rise of Off−State Voltage
(VD = Rated VDRM, Exponential Waveform, Gate Open, TJ = 125°C)
dv/dt
250
500
−
V/
ms
Repetitive Critical Rate of Rise of On-State Current
IPK = 50 A; PW = 40
msec; diG/dt = 200 mA/msec; f = 60 Hz
di/dt
−
−
10
A/
ms
2. Pulse Test: Pulse Width
≤ 2.0 ms, Duty Cycle ≤ 2%.



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com