Electronic Components Datasheet Search
  English  ▼

X  

MAC12HCM Datasheet(PDF) 1 Page - ON Semiconductor

Part # MAC12HCM
Description  Triacs Silicon Bidirectional Thyristors
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

MAC12HCM Datasheet(HTML) 1 Page - ON Semiconductor

  MAC12HCM Datasheet HTML 1Page - ON Semiconductor MAC12HCM Datasheet HTML 2Page - ON Semiconductor MAC12HCM Datasheet HTML 3Page - ON Semiconductor MAC12HCM Datasheet HTML 4Page - ON Semiconductor MAC12HCM Datasheet HTML 5Page - ON Semiconductor MAC12HCM Datasheet HTML 6Page - ON Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 1 / 6 page
background image
© Semiconductor Components Industries, LLC, 2005
December, 2005 − Rev. 3
1
Publication Order Number:
MAC12HC/D
MAC12HCD, MAC12HCM,
MAC12HCN
Preferred Device
Triacs
Silicon Bidirectional Thyristors
Designed primarily for full-wave ac control applications, such as
motor controls, heating controls or dimmers; or wherever full−wave,
silicon gate−controlled devices are needed.
Features
• Uniform Gate Trigger Currents in Three Quadrants, Q1, Q2, and Q3
• High Commutating di/dt and High Immunity to dv/dt @ 125°C
• Minimizes Snubber Networks for Protection
• Blocking Voltage to 800 Volts
• On-State Current Rating of 12 Amperes RMS at 80°C
• High Surge Current Capability − 100 Amperes
• Industry Standard TO-220AB Package for Ease of Design
• Glass Passivated Junctions for Reliability and Uniformity
• Pb−Free Packages are Available*
MAXIMUM RATINGS (TJ = 25°C unless otherwise noted)
Rating
Symbol
Value
Unit
Peak Repetitive Off-State Voltage (Note 1)
(TJ = − 40 to 125°C, Sine Wave,
50 to 60 Hz, Gate Open)
MAC12HCD
MAC12HCM
MAC12HCN
VDRM,
VRRM
400
600
800
V
On-State RMS Current
(All Conduction Angles; TC = 80°C)
IT(RMS)
12
A
Peak Non-Repetitive Surge Current
(One Full Cycle, 60 Hz, TJ = 125°C)
ITSM
100
A
Circuit Fusing Consideration (t = 8.33 ms)
I2t
41
A2sec
Peak Gate Power
(Pulse Width
≤ 1.0 ms, TC = 80°C)
PGM
16
W
Average Gate Power
(t = 8.3 ms, TC = 80°C)
PG(AV)
0.35
W
Operating Junction Temperature Range
TJ
−40 to +125
°C
Storage Temperature Range
Tstg
−40 to +150
°C
Maximum ratings are those values beyond which device damage can occur.
Maximum ratings applied to the device are individual stress limit values (not
normal operating conditions) and are not valid simultaneously. If these limits are
exceeded, device functional operation is not implied, damage may occur and
reliability may be affected.
1. VDRM and VRRM for all types can be applied on a continuous basis. Blocking
voltages shall not be tested with a constant current source such that the
voltage ratings of the devices are exceeded.
*For additional information on our Pb−Free strategy and soldering details, please
download the ON Semiconductor Soldering and Mounting Techniques
Reference Manual, SOLDERRM/D.
TRIACS
12 AMPERES RMS
400 thru 800 VOLTS
TO−220AB
CASE 221A−09
STYLE 4
1
http://onsemi.com
MAC12HCxG
AYWW
MARKING
DIAGRAM
x
= D, M, or N
A
= Assembly Location
Y
= Year
WW
= Work Week
G
= Pb−Free Package
2
3
Preferred devices are recommended choices for future use
and best overall value.
Device
Package
Shipping
ORDERING INFORMATION
MAC12HCD
TO−220AB
50 Units / Rail
MAC12HCN
TO−220AB
50 Units / Rail
MAC12HCDG
TO−220AB
(Pb−Free)
50 Units / Rail
MAC12HCNG
TO−220AB
(Pb−Free)
50 Units / Rail
MAC12HCM
TO−220AB
50 Units / Rail
MAC12HCMG
TO−220AB
(Pb−Free)
50 Units / Rail
MT1
G
MT2
PIN ASSIGNMENT
1
2
3
Gate
Main Terminal 1
Main Terminal 2
4
Main Terminal 2


Similar Part No. - MAC12HCM

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
MAC12HCM ONSEMI-MAC12HCM Datasheet
72Kb / 8P
Triacs Silicon Bidirectional Thyristors
November, 2001 ??Rev. 2
logo
Inchange Semiconductor ...
MAC12HCMG ISC-MAC12HCMG Datasheet
284Kb / 3P
isc Thyristors
More results

Similar Description - MAC12HCM

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
MAC4M ONSEMI-MAC4M Datasheet
115Kb / 8P
TRIACS, Silicon Bidirectional Thyristors
February, 2000 ??Rev. 1
MAC224A ONSEMI-MAC224A Datasheet
53Kb / 8P
Triacs Silicon Bidirectional Thyristors
February, 2000 ??Rev. 1
MAC4DCM ONSEMI-MAC4DCM_06 Datasheet
83Kb / 8P
Triacs Silicon Bidirectional Thyristors
May, 2006 ??Rev. 6
MAC9 ONSEMI-MAC9_05 Datasheet
65Kb / 6P
Triacs Silicon Bidirectional Thyristors
December, 2005 ??Rev. 3
MAC12D ONSEMI-MAC12D Datasheet
61Kb / 6P
Triacs Silicon Bidirectional Thyristors
December, 2005 ??Rev. 4
BTA08-600BW3G ONSEMI-BTA08-600BW3G Datasheet
137Kb / 6P
Triacs Silicon Bidirectional Thyristors
August, 2008 ??Rev. 0
BTA08-600CW3G ONSEMI-BTA08-600CW3G Datasheet
137Kb / 6P
Triacs Silicon Bidirectional Thyristors
August, 2008 ??Rev. 0
BTA16-600BW3G ONSEMI-BTA16-600BW3G Datasheet
115Kb / 6P
Triacs Silicon Bidirectional Thyristors
December, 2008 ??Rev. 1
BTB08-600BW3G ONSEMI-BTB08-600BW3G Datasheet
90Kb / 6P
Triacs Silicon Bidirectional Thyristors
February, 2008 - Rev. 1
BTB16-600BW3G ONSEMI-BTB16-600BW3G Datasheet
157Kb / 6P
Triacs Silicon Bidirectional Thyristors
May, 2009 ??Rev. 2
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com