Electronic Components Datasheet Search
  English  ▼

X  

MBR130LSFT1 Datasheet(PDF) 4 Page - ON Semiconductor

Part # MBR130LSFT1
Description  Surface Mount Schottky Power Rectifier
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

MBR130LSFT1 Datasheet(HTML) 4 Page - ON Semiconductor

  MBR130LSFT1 Datasheet HTML 1Page - ON Semiconductor MBR130LSFT1 Datasheet HTML 2Page - ON Semiconductor MBR130LSFT1 Datasheet HTML 3Page - ON Semiconductor MBR130LSFT1 Datasheet HTML 4Page - ON Semiconductor MBR130LSFT1 Datasheet HTML 5Page - ON Semiconductor MBR130LSFT1 Datasheet HTML 6Page - ON Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 4 / 6 page
background image
MBR130LSFT1
http://onsemi.com
4
TYPICAL CHARACTERISTICS
Figure 7. Capacitance
Figure 8. Typical Operating Temperature
Derating
VR, REVERSE VOLTAGE (VOLTS)
30
25
20
15
10
5
0
10
1000
VR, DC REVERSE VOLTAGE (VOLTS)
14
12
10
8
6
2
0
115
105
95
85
75
65
70
125
20
TJ = 25 °C
18
16
RqJA = 25.6 °C/W
RqJA = 400 °C/W
RqJA = 130 °C/W
RqJA = 324.9 °C/W
RqJA = 235 °C/W
100
110
100
90
80
120
4
Figure 9. Thermal Response
1000
0.1
0.00001
t1, TIME (sec)
1000
1
0.0001
0.001
0.01
1
10
100
0.000001
0.1
10
100
P(pk)
t1
t2
DUTY CYCLE, D = t1/t2
qJA = 321.8 °C/W
Test Type > Min Pad < Die Size 38x38 @ 75% mils
D = 0.5
SINGLE PULSE
0.2
0.1
0.05
0.01



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com