Electronic Components Datasheet Search
  English  ▼

X  

MBR150 Datasheet(PDF) 4 Page - ON Semiconductor

Part # MBR150
Description  Axial Lead Rectifiers
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

MBR150 Datasheet(HTML) 4 Page - ON Semiconductor

  MBR150 Datasheet HTML 1Page - ON Semiconductor MBR150 Datasheet HTML 2Page - ON Semiconductor MBR150 Datasheet HTML 3Page - ON Semiconductor MBR150 Datasheet HTML 4Page - ON Semiconductor MBR150 Datasheet HTML 5Page - ON Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 4 / 5 page
background image
MBR150, MBR160
http://onsemi.com
4
Use of the above model permits junction to lead thermal
resistance for any mounting configuration to be found. For
a given total lead length, lowest values occur when one side
of the rectifier is brought as close as possible to the heatsink.
Terms in the model signify:
TA = Ambient Temperature TC = Case Temperature
TL = Lead Temperature
TJ = Junction Temperature
RqS = Thermal Resistance, Heatsink−to−Ambient
RqL = Thermal Resistance, Lead−to−Heatsink
RqJ = Thermal Resistance, Junction−to−Case
PD = Power Dissipation
Mounting Method 1
P.C. Board with
1−1/2
″ x 1−1/2″
copper surface.
Mounting Method 3
P.C. Board with
1−1/2
″ x 1−1/2″
copper surface.
BOARD GROUND
PLANE
VECTOR PIN MOUNTING
Mounting Method 2
LL
LL
L = 3/8
″
(Subscripts A and K refer to anode and cathode sides,
respectively.) Values for thermal resistance components are:
RqL = 100°C/W/in typically and 120°C/W/in maximum.
RqJ = 36°C/W typically and 46°C/W maximum.
NOTE 3. — HIGH FREQUENCY OPERATION:
Since current flow in a Schottky rectifier is the result of
majority carrier conduction, it is not subject to junction
diode forward and reverse recovery transients due to
minority carrier injection and stored charge. Satisfactory
circuit analysis work may be performed by using a model
consisting of an ideal diode in parallel with a variable
capacitance. (See Figure 6)
Rectification
efficiency
measurements
show
that
operation will be satisfactory up to several megahertz. For
example, relative waveform rectification efficiency is
approximately 70 percent at 2 MHz, e.g., the ratio of dc
power to RMS power in the load is 0.28 at this frequency,
whereas perfect rectification would yield 0.406 for sine
wave inputs. However, in contrast to ordinary junction
diodes, the loss in waveform efficiency is not indicative of
power loss: it is simply a result of reverse current flow
through the diode capacitance, which lowers the dc output
voltage.
ORDERING INFORMATION
Device
Package
Shipping†
MBR150
Axial Lead*
1000 Units / Bag
MBR150G
Axial Lead*
1000 Units / Bag
MBR150RL
Axial Lead*
5000 / Tape & Reel
MBR150RLG
Axial Lead*
5000 / Tape & Reel
MBR160
Axial Lead*
1000 Units / Bag
MBR160G
Axial Lead*
1000 Units / Bag
MBR160RL
Axial Lead*
5000 / Tape & Reel
MBR160RLG
Axial Lead*
5000 / Tape & Reel
†For information on tape and reel specifications, including part orientation and tape sizes, please refer to our Tape and Reel Packaging
Specifications Brochure, BRD8011/D.
*This package is inherently Pb−Free.



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com