Electronic Components Datasheet Search
  English  ▼

X  

PSB62-16 Datasheet(PDF) 1 Page - Inchange Semiconductor Company Limited

Part # PSB62-16
Description  Single Phase Rectifier Bridges
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ISC [Inchange Semiconductor Company Limited]
Direct Link  http://www.iscsemi.cn
Logo ISC - Inchange Semiconductor Company Limited

PSB62-16 Datasheet(HTML) 1 Page - Inchange Semiconductor Company Limited

  PSB62-16 Datasheet HTML 1Page - Inchange Semiconductor Company Limited PSB62-16 Datasheet HTML 2Page - Inchange Semiconductor Company Limited  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
isc website:www.iscsemi.cn
isc & iscsemi is registered trademark
1
PSB62/16
Single Phase Rectifier Bridges
DESCRIPTION
•
Isolation voltage 2500 V∼
•
Planar glasspassivated chips
•
Blocking voltage up to 1600 V
•
Low forward voltage drop
APPLICATIONS
•
Supplies for DC power equipment
•
Input rectifiers for PWM inverter
•
Battery DC power supplies
•
Field supply for DC motors
ABSOLUTE MAXIMUM RATINGS
SYMBOL
PARAMETER
VALUE
UNIT
VRRM
Repetitive Peak Reverse Voltage
1600
V
IF(AV)
Average Forward Current
52
A
IFSM
Surge Forward Current
0.36
KA
I2t
I2t for fusing,t=10ms
0.7
A2S*103
TJ
Junction Temperature
-40~125
℃
Tstg
Storage Temperature Range
-40~125
℃
THERMAL CHARACTERISTICS
SYMBOL
PARAMETER
MAX
UNIT
Rth j-c
Thermal Resistance, Junction to Case
Unilateral
0.24
℃
/W
Rth j-a
Thermal Resistance, Junction-to-Ambient
Unilateral
0.07
℃
/W


Similar Part No. - PSB62-16

ManufacturerPart #DatasheetDescription
logo
Powersem GmbH
PSB62 POWERSEM-PSB62 Datasheet
177Kb / 2P
Single Phase Rectifier Bridges
More results

Similar Description - PSB62-16

ManufacturerPart #DatasheetDescription
logo
Powersem GmbH
PSB31 POWERSEM-PSB31 Datasheet
102Kb / 1P
Single Phase Rectifier Bridges
PSB41 POWERSEM-PSB41 Datasheet
158Kb / 2P
Single Phase Rectifier Bridges
PSB50 POWERSEM-PSB50 Datasheet
119Kb / 1P
Single Phase Rectifier Bridges
PSB51 POWERSEM-PSB51 Datasheet
168Kb / 2P
Single Phase Rectifier Bridges
PSB61 POWERSEM-PSB61 Datasheet
169Kb / 2P
Single Phase Rectifier Bridges
PSB62 POWERSEM-PSB62 Datasheet
177Kb / 2P
Single Phase Rectifier Bridges
PSB75 POWERSEM-PSB75 Datasheet
172Kb / 2P
Single Phase Rectifier Bridges
PSB95 POWERSEM-PSB95 Datasheet
189Kb / 2P
Single Phase Rectifier Bridges
PSB105 POWERSEM-PSB105 Datasheet
168Kb / 2P
Single Phase Rectifier Bridges
PSB112 POWERSEM-PSB112 Datasheet
181Kb / 2P
Single Phase Rectifier Bridges
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com