Electronic Components Datasheet Search
  English  ▼

X  

STGY50NC60WD Datasheet(PDF) 1 Page - Inchange Semiconductor Company Limited

Part # STGY50NC60WD
Description  Trench and Field Stop IGBT
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ISC [Inchange Semiconductor Company Limited]
Direct Link  http://www.iscsemi.cn
Logo ISC - Inchange Semiconductor Company Limited

STGY50NC60WD Datasheet(HTML) 1 Page - Inchange Semiconductor Company Limited

  STGY50NC60WD Datasheet HTML 1Page - Inchange Semiconductor Company Limited STGY50NC60WD Datasheet HTML 2Page - Inchange Semiconductor Company Limited STGY50NC60WD Datasheet HTML 3Page - Inchange Semiconductor Company Limited  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
isc website:www.iscsemi.cn
isc & iscsemi is registered trademark
1
STGY50NC60WD
Trench and Field Stop IGBT
DESCRIPTION
·
Low Saturation Voltage:VCE(sat)=2.5V@IC=40A
·
High Current Capability
·
High Input Impedance
·
Fast Swithching
·
Minimum Lot-to-Lot variations for robust device
performance and reliable operation
APPLICATIONS
·
Synchronous Rectification in SMPS
·
Automotive Chargers
·
UPS,PFC
·
High Voltage Auxiliaries
ABSOLUTE MAXIMUM RATINGS(TC=25℃)
SYMBOL
PARAMETER
VALUE
UNIT
VCES
Collector-Emitter Voltage
600
V
VGES
Gate-Emitter Voltage
±
20
V
IC
Collector Current-Continuous
@ TC=25℃
80
A
IC
Collector Current-Continuous
@ TC=100℃
50
A
ICM
Pulsed Collector Current
190
A
IF
Diode Forward Current
@ TC=25℃
30
A
PD
Power Dissipation ,
TC=25℃
260
W
Tj
Max. Operating Junction Temperature
150
℃
Tstg
Storage Temperature Range
-40~150
℃
THERMAL CHARACTERISTICS
SYMBOL
PARAMETER
MAX
UNIT
Rth j-c
Thermal Resistance,Junction to Case
0.48
℃
/W


Similar Part No. - STGY50NC60WD

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
STGY50NC60WD STMICROELECTRONICS-STGY50NC60WD Datasheet
134Kb / 11P
N-channel 600V - 50A - Max247 Very fast PowerMESH IGBT
09-Oct-2006
More results

Similar Description - STGY50NC60WD

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
FGB40T65SP_F085 ONSEMI-FGB40T65SP_F085 Datasheet
946Kb / 11P
Field Stop Trench IGBT
November 2016 - Rev. 1.0
FGH40T65UQDF ONSEMI-FGH40T65UQDF Datasheet
1Mb / 11P
Field Stop Trench IGBT
December 2016 Rev. 1.0
AFGHL40T65SPD ONSEMI-AFGHL40T65SPD Datasheet
407Kb / 10P
Field Stop Trench IGBT
September, 2020 ??Rev. 5
AFGHL75T65SQ ONSEMI-AFGHL75T65SQ Datasheet
246Kb / 9P
Field Stop Trench IGBT
July, 2020 ??Rev. 0
FGH75T65SHDTLN4 ONSEMI-FGH75T65SHDTLN4 Datasheet
465Kb / 9P
IGBT - Field Stop, Trench IGBT - Field Stop, Trench
November, 2019 ??Rev. P2
logo
Inchange Semiconductor ...
FGHL75T65LQDT ISC-FGHL75T65LQDT Datasheet
405Kb / 4P
Trench and Field Stop IGBT
IKW25N120H3 ISC-IKW25N120H3 Datasheet
850Kb / 8P
Trench and Field-Stop IGBT
2023-8-15
ISF1002 ISC-ISF1002 Datasheet
367Kb / 3P
Trench and Field-Stop IGBT
2023-8-17
STGW40M120DF3 ISC-STGW40M120DF3 Datasheet
384Kb / 3P
Trench and Field Stop IGBT
2023-8-14
NGTB75N65FL2WG ISC-NGTB75N65FL2WG Datasheet
393Kb / 4P
Field Stop and trench IGBT
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com