Electronic Components Datasheet Search
  English  ▼

X  

CS2841B Datasheet(PDF) 6 Page - ON Semiconductor

Part # CS2841B
Description  Automotive Current Mode PWM Control Circuit
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

CS2841B Datasheet(HTML) 6 Page - ON Semiconductor

Back Button CS2841B Datasheet HTML 2Page - ON Semiconductor CS2841B Datasheet HTML 3Page - ON Semiconductor CS2841B Datasheet HTML 4Page - ON Semiconductor CS2841B Datasheet HTML 5Page - ON Semiconductor CS2841B Datasheet HTML 6Page - ON Semiconductor CS2841B Datasheet HTML 7Page - ON Semiconductor CS2841B Datasheet HTML 8Page - ON Semiconductor CS2841B Datasheet HTML 9Page - ON Semiconductor CS2841B Datasheet HTML 10Page - ON Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 6 / 10 page
background image
CS2841B
http://onsemi.com
6
CIRCUIT DESCRIPTION
Undervoltage Lockout
During Undervoltage Lockout (Figure 5), the output
driver is biased to a high impedance state. The output should
be shunted to ground with a resistor to prevent output
leakage current from activating the power switch.
Figure 5. Typical Undervoltage Characteristics
ON/OFF Command
to Reset of IC
VCC
VON = 8.0 V
VOFF = 7.4 V
VCC
ICC
7.4 V
8.0 V
< 15 mA
< 1.0 mA
PWM Waveform
To generate the PWM waveform, the control voltage from
the error amplifier is compared to a current sense signal
representing the peak output inductor current (Figure 6). An
increase in VCC causes the inductor current slope to
increase, thus reducing the duty cycle. This is an inherent
feed−forward characteristic of current mode control, since
the control voltage does not have to change during changes
of input supply voltage.
Figure 6. Timing Diagram for Key CS2841B
Parameters
Switch
Current
EA Output
VCC
IO
VO
OSC
RESET
OSC
When the power supply sees a sudden large output current
increase, the control voltage will increase allowing the duty
cycle to momentarily increase. Since the duty cycle tends to
exceed the maximum allowed to prevent transformer
saturation in some power supplies, the internal oscillator
waveform provides the maximum duty cycle clamp as
programmed by the selection of OSC components.
Figure 7. Oscillator Timing Network and
Parameters
Internal Clock
Triangular Mode
VOSC
VOSC
Internal Clock
Small RT (≈ 700 kW)
Large RT (≈ 10 kW)
Sawtooth Mode
Timing Parameters
Vupper
Vlower
tc
td
VREF
OSC
GND
RT
CT
Setting the Oscillator
Oscillator timing capacitor, CT, is charged by VREF
through RT and discharged by an internal current source.
During the discharge time, the internal clock signal blanks
out the output to the Low state, thus providing a user selected
maximum duty cycle clamp. Charge and discharge times are
determined by the general formulas:



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com