Electronic Components Datasheet Search
  English  ▼

X  

CS2843A Datasheet(PDF) 4 Page - ON Semiconductor

Part # CS2843A
Description  Off-Line Current Mode PWM Control Circuit with Undervoltage Lockout
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

CS2843A Datasheet(HTML) 4 Page - ON Semiconductor

  CS2843A Datasheet HTML 1Page - ON Semiconductor CS2843A Datasheet HTML 2Page - ON Semiconductor CS2843A Datasheet HTML 3Page - ON Semiconductor CS2843A Datasheet HTML 4Page - ON Semiconductor CS2843A Datasheet HTML 5Page - ON Semiconductor CS2843A Datasheet HTML 6Page - ON Semiconductor CS2843A Datasheet HTML 7Page - ON Semiconductor CS2843A Datasheet HTML 8Page - ON Semiconductor CS2843A Datasheet HTML 9Page - ON Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 10 page
background image
CS2842A, CS3842A, CS2843A, CS3843A
http://onsemi.com
4
ELECTRICAL CHARACTERISTICS (continued) (−25° ≤ TA ≤ 85° for CS2842A/CS2843A, 0° ≤ TA ≤ 70° for CS3842A/CS3843A.
VCC = 15 V*; RT = 680 Ω, CT = 0.022 μF for triangular mode, RT = 10 kΩ, CT = 3.3 nF for sawtooth mode (see Figure 7);
unless otherwise stated.)
Characteristic
Test Conditions
CS2842A/CS2843A
CS3842A/CS3843A
Unit
Min
Typ
Max
Min
Typ
Max
Error Amp Section
Input Voltage
VCOMP = 2.5 V
2.45
2.50
2.55
2.42
2.50
2.58
V
Input Bias Current
VFB = 0
−
−0.3
−1.0
−
−0.3
−2.0
μA
AVOL
2.0 ≤ VOUT ≤ 4.0 V
65
90
−
65
90
−
dB
Unity Gain Bandwidth
Note 4.
0.7
1.0
−
0.7
1.0
−
MHz
PSRR
12 ≤ VCC ≤ 25 V
60
70
−
60
70
−
dB
Output Sink Current
VFB = 2.7 V, VCOMP = 1.1 V
2.0
6.0
−
2.0
6.0
−
mA
Output Source Current
VFB = 2.3 V, VCOMP = 5.0 V
−0.5
−0.8
−
−0.5
−0.8
−
mA
VOUT High
VFB = 2.3 V, 15 kΩ to ground
5.0
6.0
−
5.0
6.0
−
V
VOUT Low
VFB = 2.7 V, 15 kΩ to VREF
−
0.7
1.1
−
0.7
1.1
V
Current Sense Section
Gain
Notes 5 & 6.
2.85
3.00
3.15
2.85
3.00
3.15
V/V
Maximum Input Signal
VCOMP = 5.0 V (Note 5.)
0.9
1.0
1.1
0.9
1.0
1.1
V
PSRR
12 ≤ VCC ≤ 25 V (Note 5.)
−
70
−
−
70
−
dB
Input Bias Current
VSENSE = 0
−
−2.0
−10
−
−2.0
−10
μA
Delay to Output
TJ = 25°C (Note 4.)
−
150
300
−
150
300
ns
Output Section
Output Low Level
ISINK = 20 mA
ISINK = 200 mA
−
−
0.1
1.5
0.4
2.2
−
−
0.1
1.5
0.4
2.2
V
V
Output High Level
ISOURCE = 20 mA
ISOURCE = 200 mA
13
12
13.5
13.5
−
−
13
12
13.5
13.5
−
−
V
V
Rise Time
TJ = 25°C, CL = 1.0 nF (Note 4.)
−
50
150
−
50
150
ns
Fall Time
TJ = 25°C, CL = 1.0 nF (Note 4.)
−
50
150
−
50
150
ns
Output Leakage
UVLO Active, VOUT = 0
−
−0.01 −10.00
−
−0.01 −10.00
μA
Total Standby Current
Startup Current
−
−
0.5
1.0
−
0.5
1.0
mA
Operating Supply Current
VFB = VSENSE = 0 V,
RT = 10 kΩ, CT = 3.3 nF
11
17
−
11
17
−
mA
VCC Zener Voltage
ICC = 25 mA
−
34
−
−
34
−
V
4. These parameters, although guaranteed, are not 100% tested in production.
5. Parameters measured at trip point of latch with VFB = 0.
6. Gain defined as: A = ΔVCOMP/ΔVSENSE; 0 ≤ VSENSE ≤ 0.8 V.
*Adjust VCC above the start threshold before setting at 15 V.



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com