Electronic Components Datasheet Search
  English  ▼

X  

PUSB3BB2DF Datasheet(PDF) 1 Page - Nexperia B.V. All rights reserved

Part # PUSB3BB2DF
Description  Extremely low clamping low capacitance ESD protection
PDF  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NEXPERIA [Nexperia B.V. All rights reserved]
Direct Link  https://www.nexperia.com/
Logo NEXPERIA - Nexperia B.V. All rights reserved

PUSB3BB2DF Datasheet(HTML) 1 Page - Nexperia B.V. All rights reserved

  PUSB3BB2DF Datasheet HTML 1Page - Nexperia B.V. All rights reserved PUSB3BB2DF Datasheet HTML 2Page - Nexperia B.V. All rights reserved PUSB3BB2DF Datasheet HTML 3Page - Nexperia B.V. All rights reserved PUSB3BB2DF Datasheet HTML 4Page - Nexperia B.V. All rights reserved PUSB3BB2DF Datasheet HTML 5Page - Nexperia B.V. All rights reserved PUSB3BB2DF Datasheet HTML 6Page - Nexperia B.V. All rights reserved PUSB3BB2DF Datasheet HTML 7Page - Nexperia B.V. All rights reserved PUSB3BB2DF Datasheet HTML 8Page - Nexperia B.V. All rights reserved PUSB3BB2DF Datasheet HTML 9Page - Nexperia B.V. All rights reserved Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 15 page
background image
PUSB3BB2DF
Extremely low clamping low capacitance ESD protection
3 November 2020
Product data sheet
1. General description
Symmetrical bidirectional ElectroStatic Discharge (ESD) protection diode array, part of the TrEOS
protection family. This device is housed in a DFN0603-3 (SOT8013) leadless ultra small Surface-
Mounted Device (SMD) package designed to protect two signal lines from the damage caused by
ESD and other transients.
2. Features and benefits
• Bidirectional ESD protection of two lines
• Very low diode capacitance Cd = 0.26 pF
• Extremely low clamping to protect sensitive I/Os
• Extremely low-inductance protection path to ground
• Extremely symmetrical layout
• ESD protection up to ±20 kV according to IEC 61000-4-2
• Ultra small SMD package
• Placed on one differential line pair, almost no extra PCB space demand for protection
3. Applications
• Thunderbolt, USB 3.2 and HDMI 2.1 data lines
• Cellular handsets and accessories
• Portable electronics
• Communication systems
• Computers and peripherals
4. Quick reference data
Table 1. Quick reference data
Symbol
Parameter
Conditions
Min
Typ
Max
Unit
VRWM
reverse standoff
voltage
-4
-
4
V
f = 1 MHz; VR = 0 V; Tamb = 25 °C
-
0.26
-
pF
Cd
diode capacitance
f = 1 MHz; VR = 1.5 V; Tamb = 25 °C
-
0.24
-
pF


Similar Part No. - PUSB3BB2DF

ManufacturerPart #DatasheetDescription
logo
Nexperia B.V. All right...
PUSB3BB2DF NEXPERIA-PUSB3BB2DF Datasheet
11Mb / 234P
Discrete and MOSFET components, analog & logic ICs
PUSB3BB2DF NEXPERIA-PUSB3BB2DF Datasheet
11Mb / 234P
Discrete and MOSFET components, analog & logic ICs
January 2020
More results

Similar Description - PUSB3BB2DF

ManufacturerPart #DatasheetDescription
logo
Nexperia B.V. All right...
PESD5V5C1BL-Q NEXPERIA-PESD5V5C1BL-Q Datasheet
214Kb / 11P
Extremely low clamping bidirectional ESD protection diode
6 April 2023
PESD5V5C1UL-Q NEXPERIA-PESD5V5C1UL-Q Datasheet
215Kb / 11P
Extremely low clamping unidirectional ESD protection diode
6 April 2023
PESD5V0C1BLS-Q NEXPERIA-PESD5V0C1BLS-Q Datasheet
219Kb / 11P
Extremely low clamping bidirectional ESD protection diode
4 April 2022
PESD5V0C1ULS-Q NEXPERIA-PESD5V0C1ULS-Q Datasheet
220Kb / 11P
Extremely low clamping unidirectional ESD protection diode
4 April 2022
PESD1V2Y1BSF NEXPERIA-PESD1V2Y1BSF Datasheet
153Kb / 7P
Extremely low clamping bidirectional ESD protection diode
12 March 2021
PESD2V5X1BSF NEXPERIA-PESD2V5X1BSF Datasheet
153Kb / 7P
Extremely low clamping bidirectional ESD protection diode
12 March 2021
PESD3V3F1BSF NEXPERIA-PESD3V3F1BSF Datasheet
152Kb / 7P
Extremely low clamping bidirectional ESD protection diode
12 March 2021
PESD4V0Z2BCDF NEXPERIA-PESD4V0Z2BCDF Datasheet
290Kb / 12P
Extremely low clamping low capacitance ESD protection
17 August 2020
PESD5V0C2BDF NEXPERIA-PESD5V0C2BDF Datasheet
274Kb / 12P
Extremely low clamping low capacitance ESD protection
23 July 2020
PUSB3AB2DF NEXPERIA-PUSB3AB2DF Datasheet
221Kb / 11P
Extremely low clamping low capacitance ESD protection
22 November 2019
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com