Electronic Components Datasheet Search
  English  ▼

X  

CS387H Datasheet(PDF) 7 Page - ON Semiconductor

Part # CS387H
Description  Alternator Voltage Regulator Darlington Driver
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

CS387H Datasheet(HTML) 7 Page - ON Semiconductor

  CS387H Datasheet HTML 1Page - ON Semiconductor CS387H Datasheet HTML 2Page - ON Semiconductor CS387H Datasheet HTML 3Page - ON Semiconductor CS387H Datasheet HTML 4Page - ON Semiconductor CS387H Datasheet HTML 5Page - ON Semiconductor CS387H Datasheet HTML 6Page - ON Semiconductor CS387H Datasheet HTML 7Page - ON Semiconductor CS387H Datasheet HTML 8Page - ON Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 7 / 8 page
background image
CS3341, CS3351, CS387
http://onsemi.com
7
488
mm 506 mm 510 mm
762
mm
742
mm
1.96 mm
506
mm
506
mm
594
mm
605
mm
1000
mm
2.07 mm
Figure 8. Flip Chip Dimensions and Solder Bump Locations, Bump Side Up



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com