Electronic Components Datasheet Search
  English  ▼

X  

MBR340RL Datasheet(PDF) 3 Page - ON Semiconductor

Part # MBR340RL
Description  Axial Lead Rectifier
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

MBR340RL Datasheet(HTML) 3 Page - ON Semiconductor

  MBR340RL Datasheet HTML 1Page - ON Semiconductor MBR340RL Datasheet HTML 2Page - ON Semiconductor MBR340RL Datasheet HTML 3Page - ON Semiconductor MBR340RL Datasheet HTML 4Page - ON Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 3 / 4 page
background image
MBR340
http://onsemi.com
3
VR REVERSE VOLTAGE (VOLTS)
IF (AV), AVERAGE FORWARD CURRENT (AMPS)
0
2.0
1.0
3.0
4.0
5.0
0.5
1.0
1.5
2.0
2.5
TJ = 150°C
20
(CAPACITIVE LOAD)
10
dc
I PK
IAV
+ 5.0
SQUARE
WAVE
020
10
30
40
50
70
60
300
400
500
TJ = 25°C
200
90
80
50
100
RESISTIVE LOAD
Figure 4. Power Dissipation
Figure 5. Typical Capacitance
IPK
IAV
+ p
TYPICAL VALUES FOR RqJA IN STILL AIR
Data shown for thermal resistance junction−to−ambient
(RqJA) for the mountings shown is to be used as typical
guideline values for preliminary engineering, or in case the
tie point temperature cannot be measured.
1
2
3
Mounting
Method
Lead Length, L (in)
1/8
1/4
1/2
3/4
RqJA
50
51
53
55
°C/W
°C/W
°C/W
58
59
61
63
28
NOTE 5 — MOUNTING DATA
Mounting Method 1
P.C. Board where available
copper surface is small.
L
L
L
Mounting Method 2
Vector Push−In
Terminals T−28
L
Mounting Method 3
P.C. Board with
2−1/2
″ X 2−1/2″
copper surface.
L = 1/2’’
Board Ground Plane



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com