Electronic Components Datasheet Search
  English  ▼

X  

2SD2103 Datasheet(PDF) 2 Page - Hitachi Semiconductor

Part # 2SD2103
Description  Silicon NPN Triple Diffused
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HITACHI [Hitachi Semiconductor]
Direct Link  http://www.renesas.com/eng
Logo HITACHI - Hitachi Semiconductor

2SD2103 Datasheet(HTML) 2 Page - Hitachi Semiconductor

  2SD2103 Datasheet HTML 1Page - Hitachi Semiconductor 2SD2103 Datasheet HTML 2Page - Hitachi Semiconductor 2SD2103 Datasheet HTML 3Page - Hitachi Semiconductor 2SD2103 Datasheet HTML 4Page - Hitachi Semiconductor 2SD2103 Datasheet HTML 5Page - Hitachi Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 2 / 5 page
background image
2SD2103
2
Absolute Maximum Ratings (Ta = 25°C)
Item
Symbol
Rating
Unit
Collector to base voltage
V
CBO
60
V
Collector to emitter voltage
V
CEO
60
V
Emitter to base voltage
V
EBO
7V
Collector current
I
C
8A
Collector peak current
I
C(peak)
12
A
Collector power dissipation
P
C
2W
P
C*
1
25
Junction temperature
Tj
150
°C
Storage temperature
Tstg
–55 to +150
°C
Note:
1. Value at T
C = 25°C.
Electrical Characteristics (Ta = 25°C)
Item
Symbol
Min
Typ
Max
Unit
Test conditions
Collector to base breakdown
voltage
V
(BR)CBO
60
—
—
V
I
C = 0.1 mA, IE = 0
Collector to emitter breakdown
voltage
V
(BR)CEO
60
—
—
V
I
C = 25 mA, RBE = ∞
Emitter to base breakdown
voltage
V
(BR)EBO
7—
—
V
I
E = 50 mA, IC = 0
Collector cutoff current
I
CBO
——10
µA
V
CB = 50 V, IE = 0
I
CEO
——10
V
CE = 50 V, RBE = ∞
DC current transfer ratio
h
FE
1000
—
20000
V
CE = 3 V, IC = 4 A*
1
Collector to emitter saturation
V
CE(sat)1
—
—
1.5
V
I
C = 4 A, IB = 8 mA*
1
voltage
I
CE(sat)2
—
—
3.0
I
C = 8 A, IB = 80 mA*
1
Base to emitter saturation
V
BE(sat)1
—
—
2.0
V
I
C = 4 A, IB = 8 mA*
1
voltage
V
BE(sat)2
—
—
3.5
I
C = 8 A, IB = 80 mA*
1
Note:
1. Pulse test.
See switching characteristic curve of 2SD1572.



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com