Electronic Components Datasheet Search
  English  ▼

X  

CSS555C-ID Datasheet(PDF) 7 Page - List of Unclassifed Manufacturers

Part # CSS555C-ID
Description  Micropower Timer (with Internal Timing Capacitor)
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC - List of Unclassifed Manufacturers

CSS555C-ID Datasheet(HTML) 7 Page - List of Unclassifed Manufacturers

Back Button CSS555C-ID Datasheet HTML 3Page - List of Unclassifed Manufacturers CSS555C-ID Datasheet HTML 4Page - List of Unclassifed Manufacturers CSS555C-ID Datasheet HTML 5Page - List of Unclassifed Manufacturers CSS555C-ID Datasheet HTML 6Page - List of Unclassifed Manufacturers CSS555C-ID Datasheet HTML 7Page - List of Unclassifed Manufacturers CSS555C-ID Datasheet HTML 8Page - List of Unclassifed Manufacturers CSS555C-ID Datasheet HTML 9Page - List of Unclassifed Manufacturers CSS555C-ID Datasheet HTML 10Page - List of Unclassifed Manufacturers CSS555C-ID Datasheet HTML 11Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 13 page
background image
Custom Silicon Solutions, Inc. ©2009
7
Version 1.1, May 2009
CSS555C
Micropower Timer (with Internal Timing Capacitor)
Astable Operation
(Standard 555 Mode)
The circuit in Figure 12 shows the astable or “free running
oscillator” configuration. If the counter setting equals one,
the counter is bypassed and the device operates like a
standard 555 timer.
With the TRIGGER input tied to
THRESHOLD, a new timing cycle is started each time VTH
drops below the lower comparator trip level.
Figure 12 – Astable Circuit (Std. Mode)
The capacitor charges to ⅔ VDD through (RA+RB) and
discharges to ⅓ VDD through RB. (As in the monostable
mode, the trip levels are changed to 10% & 90% for low
supply voltages. This selection is made via the EEPROM.)
The duty cycle is determined by the ratio of RA and RB.
Typical signal waveforms are shown in Figure 13. The
RESET input must be held high for the oscillator to be
active.
If RESET is brought low, the OUTPUT pin is
immediately forced low and oscillation halts. Equations for
the free running oscillator are provided in the following
paragraph.
Figure 13 – Astable Waveforms (Std. Mode)
Note: The TRIGGER signal is connected to VTH
Free Running Oscillator Equations:
For standard supply voltages (VLOW Bit = 0)
Oscillator Period (tOSC) = 0.695 x (RA+2RB) x CTotal
Osc. Freq. (fOSC) = 1/tOSC = 1.44/[(RA+2RB) x CTotal]
where
CTotal = CT + CTI
CT = External timing capacitor
CTI = Internal 100pF timing capacitor
For low voltage mode (VLOW Bit = 1)
Oscillator Period (tOSC) = 2.197 x (RA+2RB) x CTotal
Osc. Freq. (fOSC) = 1/tOSC = 0.455/[(RA+2RB) x CTotal]
Duty Cycle = RB/(RA+2RB)
The
chart in
Figure
14
shows
nominal oscillator
frequencies for resistor values (RA+2RB) from 1K to 10M
and capacitor values from 100pF to 1uF. The resulting
frequency range extends from 1 Hz to 1 MHz. (For this
chart, the counter is bypassed; Mult = 1.)
0.0001
0.0010
0.0100
0.1000
1.0000
1
10
100
1000
10000
100000
1000000
Frequency (Hz)
Figure 14 – Astable Frequency Chart (Std. Mode)
Astable Operation
(Extended Period or “EP” Mode)
The circuit in Figure 15 employs the internal decade
counter to divide the 555 oscillator frequency by the
multiplier setting.
The multiplier value, 10 to 10
6, is
selected by the EEPROM.
The 555 analog block is
configured as a free running oscillator, which supplies the
input clock to the counter.
The oscillator runs when
RESET is high (logic one) and TRIGGER is low. Each
divide by 10 stage of the decade counter consists of a
divide by 5 followed by a divide by 2. This configuration
provides a 50% output duty cycle no matter which multiplier
setting is selected. Waveforms for this mode are shown in
Figure 16.
RA+2RB =
10M
1M
100K
10K
1K
Green:
Low VDD
Blue:
Std. VDD
OUTPUT
VCAP
0V
⅔ VDD
⅓ VDD
RESET
Mult = 1
VDD
RA
Output
Reset
CT
VDD
Dischg
Thresh
Control
CSS555C
VSS
Trigger
Output
Reset
Output
Reset
RB
Optional
VTH



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com