Electronic Components Datasheet Search
  English  ▼

X  

MIC5302 Datasheet(PDF) 3 Page - Micrel Semiconductor

Part # MIC5302
Description  150mA ULDO in Ultra Small 1.2mm x 1.6mm Thin MLF
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICREL [Micrel Semiconductor]
Direct Link  http://www.micrel.com
Logo MICREL - Micrel Semiconductor

MIC5302 Datasheet(HTML) 3 Page - Micrel Semiconductor

  MIC5302 Datasheet HTML 1Page - Micrel Semiconductor MIC5302 Datasheet HTML 2Page - Micrel Semiconductor MIC5302 Datasheet HTML 3Page - Micrel Semiconductor MIC5302 Datasheet HTML 4Page - Micrel Semiconductor MIC5302 Datasheet HTML 5Page - Micrel Semiconductor MIC5302 Datasheet HTML 6Page - Micrel Semiconductor MIC5302 Datasheet HTML 7Page - Micrel Semiconductor MIC5302 Datasheet HTML 8Page - Micrel Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 3 / 8 page
background image
Micrel, Inc.
MIC5302
October 2006
3
M9999-102506-B
Ordering Information(1)
Part Number
Marking Code
Voltage
Temperature Range
Package
Lead Finish
MIC5302-1.5YMT
H15
1.5V
–40°C to +125°C
4-Pin 1.2mm x 1.6mm Thin MLF
®
Pb-Free
MIC5302-1.8YMT
H18
1.8V
–40°C to +125°C
4-Pin 1.2mm x 1.6mm Thin MLF
®
Pb-Free
MIC5302-2.1YMT
H21
2.1V
–40°C to +125°C
4-Pin 1.2mm x 1.6mm Thin MLF
®
Pb-Free
MIC5302-2.8YMT
H28
2.8V
–40°C to +125°C
4-Pin 1.2mm x 1.6mm Thin MLF
®
Pb-Free
MIC5302-2.85YMT
H2J
2.85V
–40°C to +125°C
4-Pin 1.2mm x 1.6mm Thin MLF
®
Pb-Free
MIC5302-2.9YMT
H29
2.9V
–40°C to +125°C
4-Pin 1.2mm x 1.6mm Thin MLF
®
Pb-Free
MIC5302-3.0YMT
H30
3.0V
–40°C to +125°C
4-Pin 1.2mm x 1.6mm Thin MLF
®
Pb-Free
MIC5302-3.3YMT
H33
3.3V
–40°C to +125°C
4-Pin 1.2mm x 1.6mm Thin MLF
®
Pb-Free
Note:
1. Other voltages available. Contact Micrel Marketing for details.
Pin Configuration
1
2
4
3
VOUT
VIN
EN
GND
4-Pin 1.2mm x 1.6mm Thin MLF
® (MT)
Pin Description
Pin Number
Pin Name
Pin Function
1
EN
Enable Input. Active High. High = on, low = off. Do not leave floating.
2
GND
Ground
3
VIN
Supply Input
4
VOUT
Output Voltage



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com