Electronic Components Datasheet Search
  English  ▼

X  

FOD8342T Datasheet(PDF) 2 Page - ON Semiconductor

Part # FOD8342T
Description  3.0 A Output Current, High Speed Gate Drive Optocoupler in Stretched Body SOP 6-Pin
PDF  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

FOD8342T Datasheet(HTML) 2 Page - ON Semiconductor

  FOD8342T Datasheet HTML 1Page - ON Semiconductor FOD8342T Datasheet HTML 2Page - ON Semiconductor FOD8342T Datasheet HTML 3Page - ON Semiconductor FOD8342T Datasheet HTML 4Page - ON Semiconductor FOD8342T Datasheet HTML 5Page - ON Semiconductor FOD8342T Datasheet HTML 6Page - ON Semiconductor FOD8342T Datasheet HTML 7Page - ON Semiconductor FOD8342T Datasheet HTML 8Page - ON Semiconductor FOD8342T Datasheet HTML 9Page - ON Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 21 page
background image
FOD8342, FOD8342T
www.onsemi.com
2
Table 1. TRUTH TABLE
LED
VDD − VSS “Positive Going” (Turn−On)
VDD − VSS “Negative Going” (Turn−Off)
VO
Off
0 V to 30 V
0 V to 30 V
LOW
On
0 V to 7 V
0 V to 6.5 V
LOW
On
7 V to 9.5 V
6.5 V to 9 V
Transition
On
9.5 V to 30 V
9 V to 30 V
HIGH
Table 2. PIN DESCRIPTION
Pin No.
Name
Description
1
ANODE
LED Anode
2
N.C
Not Connection
3
CATHODE
LED Cathode
4
VSS
Negative Supply Voltage
5
VO
Output Voltage
6
VDD
Positive Supply Voltage
Pin Configuration
1
3
6
5
4
ANODE
CATHODE
2
N.C
VDD
VO
VSS
Figure 1. Pin Configuration



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com