Electronic Components Datasheet Search
  English  ▼

X  

TL110AS Datasheet(PDF) 1 Page - Transko Electronics, Inc.

Part # TL110AS
Description  110.00 MHz IF SAW Bandpass Filter
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TRANSKO [Transko Electronics, Inc.]
Direct Link  https://www.transko.com/
Logo TRANSKO - Transko Electronics, Inc.

TL110AS Datasheet(HTML) 1 Page - Transko Electronics, Inc.

  TL110AS Datasheet HTML 1Page - Transko Electronics, Inc. TL110AS Datasheet HTML 2Page - Transko Electronics, Inc. TL110AS Datasheet HTML 3Page - Transko Electronics, Inc. TL110AS Datasheet HTML 4Page - Transko Electronics, Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
TL110AS
Transko Electronics, Inc.
3981 E. Miraloma Ave., Anaheim CA 92806 USA
Tel: 714-528-8000 Fax: 714-528-8017 Website: www.transko.com
E-mail: sales@transko.com
RoHS
Compliant
RoHS
Compliant
RoHS
Compliant
RoHS
Compliant
a
Electrical Characteristics
a
MAXIMUM RATING
PARAMETERS DESCRIPTION
UNIT
MINIMUM
TYPICAL
MAXIMUM
Operation Temperature Range
C
-20
-
85
Storage Temperature Range
C
-40
-
105
Maximum DC Voltage
V
-
-
3
Maximum Input Power
dBm
-
-
20
Source Impedance (Balanced)
(1)
-
1000
-
Load Impedance (Balanced)
(1)
-
500
-
Package type & size
S
Length x Width
mm²
-
7.0 x 5.0
-
Height
mm
-
-
1.8
ELECTRICAL SPECIFICATION
PARAMETERS DESCRIPTION
UNIT
MINIMUM
TYPICAL
MAXIMUM
Center Frequency (Fo)
MHz
-
110.0
-
Insertion Loss at Fo
dB
-
10.0
11.5
Amplitude Ripple (Fo±0.3MHz)
dBp-p
-
0.55
1.0
Phase Linearity (Fo±0.615MHz)
deg
RMS
-
3.5
4.5
Phase Linearity (Fo±0.620MHz)
deg
RMS
-
3.5
4.5
Temperature Coefficient
ppm/°C
-
-0.03
-
Bandwidth at
–5.0 dB
MHz
±0.630
±0.660
-
Bandwidth at
–33.0 dB
MHz
-
±0.890
-
Template on the amplitude, reference is loss at Fc
Attenuation at Fc ± 0.63MHz
dB
-
4.5
5.0
Attenuation at Fc ± 0.9MHz
dB
32
35
-
Attenuation at Fc ± 1.7MHz
dB
33
36
-
Attenuation at Fc ± 2MHz
dB
35
37
-
Attenuation at Fc ± 9MHz
dB
45
48
-
Notes : (1) With Matching Network (Ref. Testing Environment Circuit as shown below).
Those impedances could be modified with different impedance values and/or structures, if necessary.
 110.00 MHz IF SAW Bandpass Filter 
 Revision 3: 21 May 2008


Similar Part No. - TL110AS

ManufacturerPart #DatasheetDescription
logo
E-SWITCH
TL1100 E-SWITCH-TL1100 Datasheet
229Kb / 3P
TACT SWITCHES
TL1100 E-SWITCH-TL1100 Datasheet
286Kb / 3P
TACT SWITCHES - 12mm x 12mm
logo
Transko Electronics, In...
TL11001AS TRANSKO-TL11001AS Datasheet
566Kb / 4P
110.59 MHz IF SAW Filter / 1.41 MHz Bandwidth
Revision 0: 04 Nov. 2008
logo
E-SWITCH
TL1100AF160QGRY E-SWITCH-TL1100AF160QGRY Datasheet
229Kb / 3P
TACT SWITCHES
TL1100AF160QGRY E-SWITCH-TL1100AF160QGRY Datasheet
286Kb / 3P
TACT SWITCHES - 12mm x 12mm
More results

Similar Description - TL110AS

ManufacturerPart #DatasheetDescription
logo
Integrated Circuit Syst...
SF0063CN02271T ICST-SF0063CN02271T Datasheet
89Kb / 2P
63 MHz SAW Bandpass Filter 63 MHz SAW Bandpass Filter
Rev X1
logo
TEMEX
TMXAT06 TEMEX-TMXAT06 Datasheet
449Kb / 5P
SAW Bandpass Filter - Telecom - IF
logo
Vanlong Technology Co.,...
SF110L VANLONG-SF110L Datasheet
86Kb / 2P
110.00 MHz SAW Filter
logo
Oscilent Corporation
807-SL110.0M-A OSCILENT-807-SL110.0M-A Datasheet
199Kb / 6P
110.0MHz IF SAW Bandpass Filter
logo
Transko Electronics, In...
TA11020BD1 TRANSKO-TA11020BD1 Datasheet
584Kb / 4P
110.00 MHz IF SAW Filter / 20.27 MHz Bandwidth
Revision 0: 09. May 2008
TF-011001-SE0 TRANSKO-TF-011001-SE0 Datasheet
500Kb / 3P
110.00 MHz IF SAW Filter
Revision 0: Oct. 2012
TL110BS TRANSKO-TL110BS Datasheet
616Kb / 4P
110.5920 MHz IF SAW Bandpass Filter
Revision 1: 06 Jan. 2012
TL110CS TRANSKO-TL110CS Datasheet
650Kb / 4P
110.5920 MHz IF SAW Bandpass Filter
Revision 1: 08 Feb. 2012
TL120AM1 TRANSKO-TL120AM1 Datasheet
391Kb / 3P
120.00 MHz IF SAW Bandpass Filter
Revision 0:
TL09622AS TRANSKO-TL09622AS Datasheet
583Kb / 4P
96.00 MHz IF SAW Bandpass Filter / 22.0 MHz Bandwidth
Revision 0: 22 Jul. 2008
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com