Electronic Components Datasheet Search
  English  ▼

X  

TL110CS Datasheet(PDF) 2 Page - Transko Electronics, Inc.

Part # TL110CS
Description  110.5920 MHz IF SAW Bandpass Filter
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TRANSKO [Transko Electronics, Inc.]
Direct Link  https://www.transko.com/
Logo TRANSKO - Transko Electronics, Inc.

TL110CS Datasheet(HTML) 2 Page - Transko Electronics, Inc.

  TL110CS Datasheet HTML 1Page - Transko Electronics, Inc. TL110CS Datasheet HTML 2Page - Transko Electronics, Inc. TL110CS Datasheet HTML 3Page - Transko Electronics, Inc. TL110CS Datasheet HTML 4Page - Transko Electronics, Inc.  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
TL110CS
Transko Electronics, Inc.
3981 E. Miraloma Ave., Anaheim CA 92806 USA
Tel: 714-528-8000 Fax: 714-528-8017 Website: www.transko.com
E-mail: sales@transko.com
RoHS
Compliant
RoHS
Compliant
RoHS
Compliant
RoHS
Compliant
Package Dimensions
①
TRANSKO: Brand
②
TL110C: Model Name
③
X : Date Code (Year)
④
Y : Date Code (Month)
⑤
Z : Date Code (Date)
 : Index Dot
Testing Environment
Matching Network for 200
Ω/1000Ω Balanced Configuration
Test Fixture & Values
Input
L1= 82 nH, L2= 120 nH, Q>40
Output
L3= 33 nH, L4= 180 nH, Q>40
Source/Load Impedance
200/1000
Ω
Pin Description
A, B, C, F, G, H
Ground
I
Input +
J
Input -
D
Output +
E
Output -



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com