Electronic Components Datasheet Search
  English  ▼

X  

MIC68200YML Datasheet(PDF) 2 Page - Micrel Semiconductor

Part # MIC68200YML
Description  2A Sequencing LDO with Tracking and Ramp Control
PDF  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICREL [Micrel Semiconductor]
Direct Link  http://www.micrel.com
Logo MICREL - Micrel Semiconductor

MIC68200YML Datasheet(HTML) 2 Page - Micrel Semiconductor

  MIC68200YML Datasheet HTML 1Page - Micrel Semiconductor MIC68200YML Datasheet HTML 2Page - Micrel Semiconductor MIC68200YML Datasheet HTML 3Page - Micrel Semiconductor MIC68200YML Datasheet HTML 4Page - Micrel Semiconductor MIC68200YML Datasheet HTML 5Page - Micrel Semiconductor MIC68200YML Datasheet HTML 6Page - Micrel Semiconductor MIC68200YML Datasheet HTML 7Page - Micrel Semiconductor MIC68200YML Datasheet HTML 8Page - Micrel Semiconductor MIC68200YML Datasheet HTML 9Page - Micrel Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 15 page
background image
Micrel, Inc.
MIC68200
July 2006
2
M9999-071206
(408) 955-1690
Typical Application
4.7µF
4.7µF
1nF
VIN = 3.3V
EN
MIC68200-1.8YML
IN
OUT
EN
SNS
RC
DLY
GND
POR
µProcessor
I/O
CORE
/RESET
2x
47K
Ω
MIC68200-1.5YML
IN
OUT
EN
SNS
RC
DLY
GND
POR
10nF
0.7nF
0.6nF
U1
Master
U2
Slave
Sequenced Dual Power Supply for I/O and Core Voltage of µProcessor
U1.EN
U1.RC
U1.DLY
U1.OUT
U2.EN= U1.POR
U2.RC
U2.DLY
U2.OUT
U2.POR
U1.TRC
U1.TDLY
U2.TRC
U2.TDLY
U1.TDLY
U2.TDLY
U1 Fully Shut Down
U2 Fully Shut Down



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com