Electronic Components Datasheet Search
  English  ▼

X  

FFP30S60S Datasheet(PDF) 1 Page - Inchange Semiconductor Company Limited

Part # FFP30S60S
Description  Ultrafast Recovery Diode
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ISC [Inchange Semiconductor Company Limited]
Direct Link  http://www.iscsemi.cn
Logo ISC - Inchange Semiconductor Company Limited

FFP30S60S Datasheet(HTML) 1 Page - Inchange Semiconductor Company Limited

  FFP30S60S Datasheet HTML 1Page - Inchange Semiconductor Company Limited FFP30S60S Datasheet HTML 2Page - Inchange Semiconductor Company Limited  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
Ultrafast Recovery Diode
FFP30S60S
www.iscsemi.com
2023-8-29
1
FEATURES
·
Hyperfast Soft Recovery
·
Low on-state losses
·
Low thermal resistance
·
Avalanche Energy Rated
APPLICATIONS
·
General Purpose
·
Free Wheeling Diode
ABSOLUTE MAXIMUM RATINGS(Ta=25℃)
SYMBOL
PARAMETER
VALUE
UNIT
VRRM
VRWM
VR
Peak Repetitive Reverse Voltage
Working Peak Reverse Voltage
DC Blocking Voltage
600
V
IF(AV)
Average Rectified Forward Current
@Tc=103℃
30
A
IFSM
non-repetitive peak forward current 60Hz
Single Half-Sine Wave
300
A
TJ
Junction Temperature
-65~150
℃
Tstg
Storage Temperature Range
-65~150
℃
THERMAL CHARACTERISTICS
SYMBOL
PARAMETER
MAX
UNIT
Rth j-c
Thermal Resistance,Junction to Case
1.1
℃
/W


Similar Part No. - FFP30S60S

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
FFP30S60S FAIRCHILD-FFP30S60S Datasheet
238Kb / 5P
STEALTH II Rectifier
logo
Micross Components
FFP30S60S MICROSS-FFP30S60S Datasheet
736Kb / 3P
Low Stored Charge
logo
Thinki Semiconductor Co...
FFP30S60S THINKISEMI-FFP30S60S Datasheet
2Mb / 4P
ThinkiSemi 30Amperes,600Volts SwitchMode Ultrafast Recovery Epitaxial Diode
logo
Fairchild Semiconductor
FFP30S60S FAIRCHILD-FFP30S60S Datasheet
511Kb / 6P
30A, 600V STEALTHTM II Rectifier
FFP30S60STU FAIRCHILD-FFP30S60STU Datasheet
238Kb / 5P
STEALTH II Rectifier
More results

Similar Description - FFP30S60S

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
STTH3R02 STMICROELECTRONICS-STTH3R02 Datasheet
116Kb / 9P
Ultrafast recovery diode
10-Oct-2006
STTH8R04 STMICROELECTRONICS-STTH8R04 Datasheet
157Kb / 11P
Ultrafast recovery diode
11-Mar-2007
logo
Sanken electric
FMXA-2102ST SANKEN-FMXA-2102ST Datasheet
266Kb / 8P
Ultrafast Recovery Diode
FMXA-2153S SANKEN-FMXA-2153S Datasheet
302Kb / 8P
Ultrafast Recovery Diode
FMXA-1106S SANKEN-FMXA-1106S Datasheet
405Kb / 8P
Ultrafast Recovery Diode
FMXA-2102ST SANKEN-FMXA-2102ST Datasheet
266Kb / 8P
Ultrafast Recovery Diode
MPL-1036S SANKEN-MPL-1036S Datasheet
247Kb / 5P
Ultrafast Recovery Diode
logo
Inchange Semiconductor ...
DPG60C400HB ISC-DPG60C400HB Datasheet
286Kb / 2P
Ultrafast Recovery Diode
DSEP60-12A ISC-DSEP60-12A Datasheet
429Kb / 2P
Ultrafast Recovery Diode
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com