Electronic Components Datasheet Search
  English  ▼

X  

ST72F264G2M6 Datasheet(PDF) 5 Page - STMicroelectronics

Part # ST72F264G2M6
Description  8-BIT MCU WITH FLASH OR ROM MEMORY, ADC, TWO 16-BIT TIMERS, I2C, SPI, SCI INTERFACES
PDF  172 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

ST72F264G2M6 Datasheet(HTML) 5 Page - STMicroelectronics

  ST72F264G2M6 Datasheet HTML 1Page - STMicroelectronics ST72F264G2M6 Datasheet HTML 2Page - STMicroelectronics ST72F264G2M6 Datasheet HTML 3Page - STMicroelectronics ST72F264G2M6 Datasheet HTML 4Page - STMicroelectronics ST72F264G2M6 Datasheet HTML 5Page - STMicroelectronics ST72F264G2M6 Datasheet HTML 6Page - STMicroelectronics ST72F264G2M6 Datasheet HTML 7Page - STMicroelectronics ST72F264G2M6 Datasheet HTML 8Page - STMicroelectronics ST72F264G2M6 Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 172 page
background image
ST72260Gx, ST72262Gx, ST72264Gx
5/172
1 INTRODUCTION
The ST72260Gx, ST72262Gx and ST72264Gx
devices are members of the ST7 microcontroller
family. They can be grouped as follows :
– ST72264Gx devices are designed for mid-range
applications with ADC, I2C and SCI interface ca-
pabilities.
– ST72262Gx devices target the same range of
applications but without I2C interface or SCI.
– ST72260Gx devices are for applications that do
not need ADC, I2C peripherals or SCI.
All devices are based on a common industry-
standard 8-bit core, featuring an enhanced instruc-
tion set.
The ST72F260G, ST72F262G, and ST72F264G
versions feature single-voltage FLASH memory
with byte-by-byte In-Circuit Programming (ICP)
capabilities.
Under software control, all devices can be placed
in WAIT, SLOW, Active-HALT or HALT mode, re-
ducing power consumption when the application is
in idle or stand-by state.
The enhanced instruction set and addressing
modes of the ST7 offer both power and flexibility to
software developers, enabling the design of highly
efficient and compact application code. In addition
to standard 8-bit data management, all ST7 micro-
controllers feature true bit manipulation, 8x8 un-
signed multiplication and indirect addressing
modes.
For easy reference, all parametric data is located
in Section 13 on page 126.
Related Documentation
AN1365: Guidelines for migrating ST72C254 ap-
plications to ST72F264
Figure 1. General Block Diagram
8-BIT CORE
ALU
OSC1
OSC2
RESET
PORT B
16-BIT TIMER A
PORT A
SPI
PORT C
10-BIT ADC*
PB7:0
(8 bits)
PC5:0
(6 bits)
MULTI OSC
Internal
CLOCK
CONTROL
RAM
(256 Bytes)
PA7:0
(8 bits)
VSS
VDD
POWER
SUPPLY
16-BIT TIMER B
PROGRAM
(4 or 8K Bytes)
LVD
SCI*
MEMORY
ICD
WATCHDOG
I2C*
*Not available on some devices, see device summary on page 1.
MCC/RTC



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com