Electronic Components Datasheet Search
  English  ▼

X  

ST72F264G2H6E Datasheet(PDF) 1 Page - STMicroelectronics

Part # ST72F264G2H6E
Description  8-BIT MCU WITH FLASH OR ROM MEMORY, ADC, TWO 16-BIT TIMERS, I2C, SPI, SCI INTERFACES
PDF  172 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

ST72F264G2H6E Datasheet(HTML) 1 Page - STMicroelectronics

  ST72F264G2H6E Datasheet HTML 1Page - STMicroelectronics ST72F264G2H6E Datasheet HTML 2Page - STMicroelectronics ST72F264G2H6E Datasheet HTML 3Page - STMicroelectronics ST72F264G2H6E Datasheet HTML 4Page - STMicroelectronics ST72F264G2H6E Datasheet HTML 5Page - STMicroelectronics ST72F264G2H6E Datasheet HTML 6Page - STMicroelectronics ST72F264G2H6E Datasheet HTML 7Page - STMicroelectronics ST72F264G2H6E Datasheet HTML 8Page - STMicroelectronics ST72F264G2H6E Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 172 page
background image
Rev. 3
June 2005
1/172
ST72260Gx, ST72262Gx,
ST72264Gx
8-BIT MCU WITH FLASH OR ROM MEMORY,
ADC, TWO 16-BIT TIMERS, I2C, SPI, SCI INTERFACES
■ Memories
– 4 K or 8 Kbytes Program memory: ROM or
Single voltage extended Flash (XFlash) with
read-out protection write protection and In-
Circuit Programming and In-Application Pro-
gramming (ICP and IAP). 10K write/erase cy-
cles guaranteed, data retention: 20 years at
55°C.
– 256 bytes RAM
■ Clock, Reset and Supply Management
– Enhanced reset system
– Enhanced low voltage supply supervisor
(LVD) with 3 programmable levels and auxil-
iary voltage detector (AVD) with interrupt ca-
pability for implementing safe power-down
procedures
– Clock sources: crystal/ceramic resonator os-
cillators, internal RC oscillator and bypass for
external clock
– PLL for 2x frequency multiplication
– Clock-out capability
– 4 Power Saving Modes: Halt, Active Halt,Wait
and Slow
■ Interrupt Management
– Nested interrupt controller
– 10 interrupt vectors plus TRAP and RESET
– 22 external interrupt lines (on 2 vectors)
■ 22 I/O Ports
– 22 multifunctional bidirectional I/O lines
– 20 alternate function lines
– 8 high sink outputs
■ 4 Timers
– Main Clock Controller with Real time base and
Clock-out capabilities
– Configurable watchdog timer
– Two 16-bit timers with: 2 input captures, 2 out-
put compares, external clock input on one tim-
er, PWM and Pulse generator modes
■ 3 Communication Interfaces
– SPI synchronous serial interface
–I2C multimaster interface (SMBus V1.1 Com-
pliant)
– SCI asynchronous serial interface
■ 1 Analog peripheral
– 10-bit ADC with 6 input channels
■ Instruction Set
– 8-bit data manipulation
– 63 basic instructions with illegal opcode de-
tection
– 17 main addressing modes
– 8 x 8 unsigned multiply instruction
■ Development Tools
– Full hardware/software development package
Device Summary
SDIP32
SO28
LFBGA 6x6mm
Features
ST72260G1
ST72262G1
ST72262G2
ST72264G1
ST72264G2
Program memory - bytes
4K
4K
8K
4K
8K
RAM (stack) - bytes
256 (128)
Peripherals
Watchdog timer, RTC,
Two16-bit timers, SPI
Watchdog timer, RTC,
Two 16-bit timers, SPI, ADC
Watchdog timer, RTC,
Two 16-bit timers, SPI, SCI, I2C, ADC
Operating Supply
2.7 V to 5.5 V
CPU Frequency
Up to 8 MHz (with oscillator up to 16 MHz) PLL 4/8 MHz
Operating Temperature
-40° C to +85° C
-40° C to +85° C
0° C to +70° C /
-40° C to +85° C
Packages
SO28 / SDIP32
SO28 / SDIP32
LFBGA
1


Similar Part No. - ST72F264G2H6E

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
ST72F264G2H1 STMICROELECTRONICS-ST72F264G2H1 Datasheet
2Mb / 171P
8-BIT MCU WITH FLASH OR ROM MEMORY, ADC, TWO 16-BIT TIMERS, I2C, SPI, SCI INTERFACES
07-Aug-2003
More results

Similar Description - ST72F264G2H6E

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
ST72104G STMICROELECTRONICS-ST72104G Datasheet
909Kb / 135P
8-BIT MCU WITH SINGLE VOLTAGE FLASH MEMORY, ADC, 16-BIT TIMERS, SPI, I2C INTERFACES
Rev. 2.2
ST72260G STMICROELECTRONICS-ST72260G Datasheet
2Mb / 171P
8-BIT MCU WITH FLASH OR ROM MEMORY, ADC, TWO 16-BIT TIMERS, I2C, SPI, SCI INTERFACES
07-Aug-2003
ST7232A STMICROELECTRONICS-ST7232A Datasheet
1Mb / 154P
8-BIT MCU WITH 8K FLASH/ROM, ADC, 4 TIMERS, SPI, SCI INTERFACE
Apr-2005
ST72334J STMICROELECTRONICS-ST72334J Datasheet
1,022Kb / 125P
8-BIT MCU WITH SINGLE VOLTAGE FLASH MEMORY, ADC, 16-BIT TIMERS, SPI, SCI INTERFACES
Sep-1999
ST72340 STMICROELECTRONICS-ST72340 Datasheet
3Mb / 191P
8-BIT MCU WITH UP TO 16K FLASH MEMORY, 10-BIT ADC, TWO 16-BIT TIMERS, TWO I2C, SPI, SCI
23-Oct-2006
ST72334J STMICROELECTRONICS-ST72334J_03 Datasheet
1Mb / 153P
8-BIT MCU WITH SINGLE VOLTAGE FLASH MEMORY, ADC, 16-BIT TIMERS, SPI, SCI INTERFACES
Apr-2003
ST72325 STMICROELECTRONICS-ST72325_07 Datasheet
3Mb / 196P
8-bit MCU with 16 to 60K Flash/ROM, ADC, CSS, 5 timers, SPI, SCI, I2C interface
04-Apr-2007
ST72334XX-AUTO STMICROELECTRONICS-ST72334XX-AUTO Datasheet
3Mb / 150P
8-bit MCU for automotive with single voltage Flash/ROM memory, ADC, 16-bit timers, SPI, SCI interfaces
17-Oct-2007
ST72104GX-AUTO STMICROELECTRONICS-ST72104GX-AUTO Datasheet
3Mb / 135P
8-bit MCU for automotive with single voltage Flash/ROM memory, ADC, 16-bit timers, SPI, I2C interfaces
29-Oct-2007
ST72F262G2B5 STMICROELECTRONICS-ST72F262G2B5 Datasheet
1Mb / 172P
8-BIT MCU WITH FLASH OR ROM MEMORY, ADC, TWO 16-BIT TIMERS, I2C, SPI, SCI INTERFACES
Jun-2005
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com