Electronic Components Datasheet Search
  English  ▼

X  

DB2170207 Datasheet(PDF) 1 Page - Lapp.

Part # DB2170207
Description  UBITRONIC BUS IBS Yv
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LAPP [Lapp.]
Direct Link  https://e.lapp.com/us/
Logo LAPP - Lapp.

DB2170207 Datasheet(HTML) 1 Page - Lapp.

  DB2170207 Datasheet HTML 1Page - Lapp. DB2170207 Datasheet HTML 2Page - Lapp.  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
U.I. Lapp
GmbH
DATA SHEET
IBS Yv
DB2170207
valid from: 30.10.2015
Originator:
PESA / PDC
approved:
HAPF / PDC
Document:
DB2170207DE
page 1 of 2
All rights reserved acc. to DIN ISO 16016.
PD 0019/2.2_11.10EN
Application
UNITRONIC BUS IBS Yv is a data cable for the field-bus system INTERBUS. The field-bus cable is designed to the
requirements of the bus-system INTERBUS, the transmission characteristics are conform to the system and guarantee a high
operating security during data transmission.
The cable is designed for a data transmission of 500kBit/s at a length of 400m.
The cable is intended for limited flexible use and for permanent installation in- and outdoor, as well as direct burial. In case of
aboveground installation the outer sheath is UV-resistant.
Applicable connectors: D-Sub-connector, 9pin version; Round connector, 9pin version (IP 65)
Design
Conductor
bare copper wire 0.22 mm² (7x0.2 mm)
Insulation
PE-based compound
Core identification code
DIN 47100
Stranding
Cores twisted to pairs
3 pairs stranded together
Wrapping with polyester tape, 1 layer
Screen
Braid of tinned copper wires
Outer sheath
PVC-based compound TM52
Colour: black
Outer sheath diameter ca. 8.8 mm
Electrical properties at 20°C
Loop resistance
max. 186 Ω/km
Insulation resistance
min. 5 GΩxkm
Mutual capacitance
ca. 60 nF/km
(at 800 Hz)
Characteristic impedance
120 Ω ± 20% (64 kHz)
100 Ω ± 15% (1 MHz)
Line attenuation
max. 1.5 dB/100m (0.256 MHz)
max. 2.4 dB/100m (0.772 MHz)
max. 2.7 dB/100m (1 MHz)
max. 5.2 dB/100m (4 MHz)
max. 8.4 dB/100m (10 MHz)
max. 11.2 dB/100m (16 MHz)
max. 11.9 dB/100m (20 MHz)
Near-end cross-talk
min. 61 dB (0.772 MHz)
min. 59 dB (1 MHz)
min. 55 dB (2 MHz)
min. 50 dB (4 MHz)
min. 46 dB (8 MHz)
min. 44 dB (10 MHz)
min. 41 dB (16 MHz)
min. 40 dB (20 MHz)
Velocity of propagation
nom.
0.66c
Transfer impedance
max. 250 mΩ/m (30 MHz)
Peak working voltage
250 V (not for power purposes)
Test voltage
C/C: 1500 V
C/S: 1000 V


Similar Part No. - DB2170207

ManufacturerPart #DatasheetDescription
logo
Lapp.
DB2170332 LAPP-DB2170332 Datasheet
73Kb / 1P
UNITRONIC BUS PB TORSION 1x2x0,8
30.01.2018
More results

Similar Description - DB2170207

ManufacturerPart #DatasheetDescription
logo
PHOENIX CONTACT
2806862 PHOENIX-2806862 Datasheet
81Kb / 2P
IBS PRG CAB
2861506 PHOENIX-2861506 Datasheet
111Kb / 5P
Bus coupler - IBS IL 24 BK RB-LK-PAC
2862026 PHOENIX-2862026 Datasheet
95Kb / 5P
Bus coupler - IBS IL 24 BK RB LK-2MBD-PAC
2862165 PHOENIX-2862165 Datasheet
108Kb / 5P
Bus coupler - IBS IL 24 BK-LK/45-PAC
2731898 PHOENIX-2731898 Datasheet
55Kb / 3P
Bus connector - IBS RL PLUG-T
2731076 PHOENIX-2731076 Datasheet
59Kb / 3P
Bus connector - IBS RL PLUG-LK/P-OF
2723123 PHOENIX-2723123 Datasheet
90Kb / 5P
Remote bus cable - IBS RBC METER/F-T
09/12/2020
2862068 PHOENIX-2862068 Datasheet
561Kb / 12P
Bus coupler - IBS IL 24 BK-LK-2MBD-PAC
Jan 11, 2023
logo
Lapp.
2170223 LAPP-2170223 Datasheet
175Kb / 2P
UNITRONIC® BUS PB Yv 1x2x0,64
01.01.2019
2170818 LAPP-2170818 Datasheet
187Kb / 2P
UNITRONIC® BUS IBS FD P COMBI A
01.01.2019
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com