Electronic Components Datasheet Search
  English  ▼

X  

DB2170332 Datasheet(PDF) 1 Page - Lapp.

Part # DB2170332
Description  UNITRONIC BUS PB TORSION 1x2x0,8
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LAPP [Lapp.]
Direct Link  https://e.lapp.com/us/
Logo LAPP - Lapp.

DB2170332 Datasheet(HTML) 1 Page - Lapp.

  DB2170332 Datasheet HTML 1Page - Lapp.  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
U.I. Lapp
GmbH
DATA SHEET
TORSION 1x2x0,8
DB2170332
valid from: 30.01.2018
Originator:
TOST / PDC
approved:
HAPF / PDC
Document:
DB2170332DE
page 1 of 1
All rights reserved acc. to DIN ISO 16016.
PD 0019/2.2_11.10EN
Application
UNITRONIC BUS PB TORSION is a halogen free and flame retardant fieldbus cable, for example for SIEMENS SIMATIC® NET
(acc. to DIN 19245 and EN 50170) and FIP-Fieldbus (Factory Instrumentation Protocol) systems.
The fieldbus cable is designed for transmission rates of 12 Mbit/s (100 m), 1.5 Mbit/s (200 m), 500 kbit/s (400 m),
187.5 kbit/s (1000m) and 93.74 kbit/s (1200 m).
The transmission characteristics are conform to the system and guarantee a high operating security during the data transmission.
The cable is designed for applications with torsional stress of ± 180°/m.
Due to ist double screening it is suitable for installation in electromagnetically demanding areas.
Design
Certification
c(UL)us, type CMX acc. to UL 444 and CSA C22.2 No. 214-17
Conductor
bare copper, ca. 0.8 mm conductor
ø, nom. 0.38 mm²
Insulation
Foam-Skin PE, core Ø nom. 2.56 mm
Core identification code
cores red and green
Stranding
2 cores together with 2 fillers
Screen
plastic-laminated aluminium foil (side with metal outwards), aluminized non woven tape,
braid of tinned copper wires (coverage min. 80%)
Outer sheath
PUR flame retardant and halogen free,
violet similar to RAL 4001,
wall thickness nom. 1.0 mm, outer diameter: ca. 8.0 mm
dlsafjlöjf
Electrical properties at 20°C
Loop resistance
max. 110 Ω/km
Insulation resistance
min. 16 GΩxkm
Mutual capacitance
nom. 30 nF/km (at 800 Hz)
Inductance
ca. 0.58 mH/km (at 800 Hz)
Characteristic impedance
9,6 kHz: 270 Ω ± 27
38,4 kHz: 185 Ω ± 18,5
3 bis 20 Mhz: 150 Ω ± 15
Attenuation
9,6 kHz: max. 0.25 dB/100 m
38,4 kHz: max. 0.3 dB/100 m
4 MHz: max. 2.5 dB/100 m
16 MHz: max. 4.9 dB/100 m
Velocity of propagation
ca. 0.81 c
Transfer impedance
max. 200 mΩ/m (up to 30 MHz)
Peak operating voltage
300 V (not for power purposes)
Test voltage DC / 3 sec.
3600 V
Mechanical and thermal properties
Minimum bending radius
fixed: 4 x outer diameter
moved: 15 x outer diameter
Temperature range
fixed: -40˚C up to +80˚C
moved: -25˚C up to +75˚C
Torsional stress
max. ± 180˚/m
Flammability
flame retardant acc. to IEC 60332-1-2, VW-1 acc. to UL 1581 sec. 1080
Halogen free
acc. to VDE 0472-815
General requirements
This cable is conform to the EC-Directive 2011/65/EC
(RoHS, Restriction of the use of certain hazardous substances).


Similar Part No. - DB2170332

ManufacturerPart #DatasheetDescription
logo
Lapp.
DB2170207 LAPP-DB2170207 Datasheet
71Kb / 2P
UBITRONIC BUS IBS Yv
30.10.2015
More results

Similar Description - DB2170332

ManufacturerPart #DatasheetDescription
logo
Lapp.
2170220 LAPP-2170220 Datasheet
174Kb / 2P
UNITRONIC® BUS PB 1x2x0.64
01.01.2019
2170222 LAPP-2170222 Datasheet
184Kb / 2P
UNITRONIC® BUS PB FD P 1x2x0,64
01.01.2019
2170236 LAPP-2170236 Datasheet
175Kb / 2P
UNITRONIC® BUS PB YY 1x2x0,64
01.01.2019
2170223 LAPP-2170223 Datasheet
175Kb / 2P
UNITRONIC® BUS PB Yv 1x2x0,64
01.01.2019
2170620 LAPP-2170620 Datasheet
179Kb / 2P
UNITRONIC® BUS PB ROBUST
01.01.2019
2170630 LAPP-2170630 Datasheet
181Kb / 2P
UNITRONIC® BUS PB 105
01.01.2019
2170822 LAPP-2170822 Datasheet
178Kb / 2P
UNITRONIC BUS PB FD P A
01.01.2019
2170856 LAPP-2170856 Datasheet
181Kb / 2P
UNITRONIC® BUS PB TRAY
01.01.2019
2170996 LAPP-2170996 Datasheet
68Kb / 1P
UNITRONIC® BUS PB FRNC FC
01.02.2019
DB3031981 LAPP-DB3031981 Datasheet
66Kb / 1P
UNITRONIC BUS PB HEAT 180 1x2x0,64
25.03.2013
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com