Electronic Components Datasheet Search
  English  ▼

X  

LCK Datasheet(PDF) 1 Page - Lapp.

Part # LCK
Description  FLEXIMARK® Wrapping label LCK
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LAPP [Lapp.]
Direct Link  https://e.lapp.com/us/
Logo LAPP - Lapp.

LCK Datasheet(HTML) 1 Page - Lapp.

  LCK Datasheet HTML 1Page - Lapp. LCK Datasheet HTML 2Page - Lapp. LCK Datasheet HTML 3Page - Lapp. LCK Datasheet HTML 4Page - Lapp.  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
DATA SHEET
Valid from:
06.12.2018
FLEXIMARK® Wrapping label LCK
Creator: Fleximark/LR
Document: DB83256142EN
Version: 02
Page 1 of 4
No.: 0019/0894
Wrapping label for cables and pipes.
Used for industrial, electrical and telecom installations in indoor environment.
Print area with laminated transparent foil for protection.
Delivered on A4 sheets for office printers.
Different sizes for different cable diameters.
UV-resistance.
Technical data
Material:
Polyester, halogen-free, UV-resistant
Adhesive:
Permanent acrylic
Colour:
White, Yellow
Temperature range:
-40°C to 125°C
Applying temperature:
min 10°C
Recommended storage:
21°C and 50% RH, <two years
Other product data:
ETIM Classification:
EC001288 Labelling material
Country of origin:
SE
Advantages:
Print your own durable marking when you need it.
No cable ties are necessary for mounting.
Durable marking with a laminated protection over the text. Chemical resistant.
Halogen free material with UV-resistance.
Designed for office laser printers, easy to use.


Similar Part No. - LCK

ManufacturerPart #DatasheetDescription
logo
Agere Systems
LCK4310 AGERE-LCK4310 Datasheet
126Kb / 10P
Low-Voltage PLL Clock Driver
April 20, 2004
LCK4310GF-DB AGERE-LCK4310GF-DB Datasheet
126Kb / 10P
Low-Voltage PLL Clock Driver
April 20, 2004
LCK4310GF-DT AGERE-LCK4310GF-DT Datasheet
126Kb / 10P
Low-Voltage PLL Clock Driver
April 20, 2004
LCK4801 AGERE-LCK4801 Datasheet
160Kb / 10P
Low-Voltage HSTL Differential Clock
July 2001
LCK4802 AGERE-LCK4802 Datasheet
156Kb / 10P
Low-Voltage PECL Differential Clock
July 2001
More results

Similar Description - LCK

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
WB26SM ETC2-WB26SM Datasheet
62Kb / 1P
WIRE WRAPPING BITS & SLEEVES
G100R3278 ETC2-G100R3278 Datasheet
619Kb / 8P
Manual Wire Wrapping Tools Users Guide
logo
PHOENIX CONTACT
1309765 PHOENIX-1309765 Datasheet
48Kb / 2P
Label - EV-LABEL-L
1315521 PHOENIX-1315521 Datasheet
47Kb / 2P
Label - EV-LABEL-C-SO
logo
Lapp.
CAB LAPP-CAB Datasheet
701Kb / 2P
FLEXIMARK CHARACTER HOLDERS CAB
21.01.2019
FL52ERA LAPP-FL52ERA Datasheet
839Kb / 3P
FLEXIMARK Plier FL52ERA FL52A
18.12.2018
LFL LAPP-LFL Datasheet
806Kb / 3P
FLEXIMARK Cablelabel LFL
07.12.2018
LSC LAPP-LSC Datasheet
668Kb / 3P
FLEXIMARK® Steel cable ties LS and LSC
05-12-2018
MR10-20 LAPP-MR10-20 Datasheet
832Kb / 7P
FLEXIMARK Stainless Steel Character Strips & Holders
12.12.2018
PTE LAPP-PTE Datasheet
793Kb / 3P
FLEXIMARK Character holders PTE
02.05.2019
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com