Electronic Components Datasheet Search
  English  ▼

X  

LSC Datasheet(PDF) 2 Page - Lapp.

Part # LSC
Description  FLEXIMARK® Steel cable ties LS and LSC
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LAPP [Lapp.]
Direct Link  https://e.lapp.com/us/
Logo LAPP - Lapp.

LSC Datasheet(HTML) 2 Page - Lapp.

  LSC Datasheet HTML 1Page - Lapp. LSC Datasheet HTML 2Page - Lapp. LSC Datasheet HTML 3Page - Lapp.  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
DATA SHEET
Valid from:
05-12-2018
FLEXIMARK® Steel cable ties LS and LSC
Creator: Fleximark/LR
Document: DB61812947EN FLEXIMARK Steel cable
ties LS LSC
Version: 02
Page 2 of 3
No.: 0019/0894
Product data:
FLEXIMARK Steel cable ties LS
E-nr.
LAPP Part no.
Article designation
Size (mm)
Content (pcs/unit)
PU
1516600
61812947
LS 4.6x100
4.6x100
100
1
1516602
61812948
LS 4.6x125
4.6x125
100
1
1516604
61812949
LS 4.6x150
4.6x150
100
1
1516606
61812950
LS 4.6x200
4.6x200
100
1
1516608
61812960
LS 4.6x360
4.6x360
100
1
1516610
61812970
LS 4.6x520
4.6x520
100
1
1516641
61812980
LS 4.6x680
4.6x680
100
1
1516642
61812990
LS 4.6x840
4.6x840
100
1
1516611
61813000
LS 7.9x200
7.9x200
100
1
1516612
61813010
LS 7.9x360
7.9x360
100
1
1516613
61813020
LS 7.9x520
7.9x520
100
1
1516614
61813030
LS 7.9x680
7.9x680
100
1
1516643
61813040
LS 7.9x840
7.9x840
100
1
1517273
61813050
LS 7.9x1016
7.9x1016
100
1
1516644
61813083
LS 7.9x1200
7.9x1200
100
1
1516645
61812991
LS 7.9x1400
7.9x1400
100
1
FLEXIMARK Steel cable ties LSC
(with polyester coating)
E-nr.
LAPP Part no.
Article designation
Size (mm)
Content (pcs/unit)
PU
1516630
61813085
LSC 4.6x100
4.6x100
100
1
1516632
61813086
LSC 4.6x125
4.6x125
100
1
1516634
61813087
LSC 4.6x150
4.6x150
100
1
1516636
61813088
LSC 4.6x200
4.6x200
100
1
1516638
61813089
LSC 4.6x360
4.6x360
100
1
1516640
61813090
LSC 4.6x520
4.6x520
100
1
1516651
61813091
LSC 4.6x680
4.6x680
100
1
1516652
61813092
LSC 4.6x840
4.6x840
100
1
1516653
61813093
LSC 7.9x200
7.9x200
100
1
1516654
61813094
LSC 7.9x360
7.9x360
100
1
1516655
61813096
LSC 7.9x520
7.9x520
100
1
1516656
61813097
LSC 7.9x680
7.9x680
100
1
1516657
61813098
LSC 7.9x840
7.9x840
100
1
FLEXIMARK Steel cable ties LS
(on a roll with accessories)
E-nr.
LAPP Part no.
Article designation
Size (mm/m)
Content (pcs/unit) PU
1516647
61812946
Head lock 4.6
11,5 mm x6,4 M
100
1
1516648
61812992
Head lock 7.9
13,5 mm x10,6 M
100
1
1516649
61812945
LS 4.6x100M
4.6 mm x100 M
1 (100m)
1
1516650
61813084
LS 7.9x100M
7.9 mm x 100 M
1 (100m)
1



Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com