Electronic Components Datasheet Search
  English  ▼

X  

MP2172C Datasheet(PDF) 16 Page - MPS Industries, Inc.

Part # MP2172C
Description  5.5V, 2A, Sync Step-Down Converter with Output Discharge in UTQFN Package
PDF  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MPSIND [MPS Industries, Inc.]
Direct Link  http://www.mpsind.com/index.html
Logo MPSIND - MPS Industries, Inc.

MP2172C Datasheet(HTML) 16 Page - MPS Industries, Inc.

Back Button MP2172C Datasheet HTML 10Page - MPS Industries, Inc. MP2172C Datasheet HTML 11Page - MPS Industries, Inc. MP2172C Datasheet HTML 12Page - MPS Industries, Inc. MP2172C Datasheet HTML 13Page - MPS Industries, Inc. MP2172C Datasheet HTML 14Page - MPS Industries, Inc. MP2172C Datasheet HTML 15Page - MPS Industries, Inc. MP2172C Datasheet HTML 16Page - MPS Industries, Inc. MP2172C Datasheet HTML 17Page - MPS Industries, Inc. MP2172C Datasheet HTML 18Page - MPS Industries, Inc.  
Zoom Inzoom in Zoom Outzoom out
 16 / 18 page
background image
MP2172C – 2A, SYNCHRONOUS STEP-DOWN SWITCHER
MP2172C Rev.1.0
www.MonolithicPower.com
16
4/22/2019
MPS Proprietary Information. Patent Protected. Unauthorized Photocopy and Duplication Prohibited.
© 2019 MPS. All Rights Reserved.
For simplification, choose an input capacitor
with an RMS current rating greater than half of
the maximum load current. The input capacitor
can be electrolytic, tantalum, or ceramic. When
using electrolytic or tantalum capacitors, add a
small, high-quality 0.1μF ceramic capacitor as
close to the IC as possible. When using
ceramic capacitors, ensure that they have
enough capacitance to provide a sufficient
charge to prevent excessive voltage ripple at
the input. The input voltage ripple caused by
the capacitance can be estimated with Equation
(7):
LOAD
OUT
OUT
IN
IN
SIN
IV
V
V1
fC1
V
V


 


(7)
Selecting the Output Capacitor
The output capacitor (C2) stabilizes the DC
output voltage. Low ESR ceramic capacitors
are recommended to limit the output voltage
ripple. Estimate the output voltage ripple with
Equation (8):
OUT
OUT
OUT
ESR
S1
IN
S
VV
1
V1
R
fL
V
8 f
C2



 


 
 
(8)
Where L1 is the inductor value, and RESR is the
equivalent series resistance (ESR) value of the
output capacitor.
When
using
ceramic
capacitors,
the
capacitance dominates the impedance at the
switching frequency and causes most of the
output voltage ripple. For simplification, the
output voltage ripple can be estimated with
Equation (9):
OUT
OUT
OUT
2
S1
IN
VV
∆V1
8f
L
C2
V

 

 

(9)
For tantalum or electrolytic capacitors, the ESR
dominates the impedance at the switching
frequency. For simplification, the output ripple
can be approximated with Equation (10):
OUT
OUT
OUT
ESR
IN
S1
VV
∆V1
R
fL
V

 


(10)
The characteristics of the output capacitor also
affect the stability of the regulation system.
PCB Layout Guidelines
Efficient PCB layout is critical for stable
operation. For the high-frequency switching
converter, improper layout design can result in
poor line or load regulation and stability issues.
For best results, refer to Figure 10 and follow
the guidelines below:
1. Place the high-current paths (GND, VIN,
and SW) very close to the device with short,
direct, and wide traces.
2. Place the input capacitor as close to VIN
and GND as possible.
3. Place the external feedback resistors next
to FB.
4. Keep SW short and away from the feedback
network.
5. Keep the VOUT sense line need as short as
possible and away from the power inductor,
especially the surrounding inductor.
Figure 10: Recommended Layout for the
MP2172C



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com