Electronic Components Datasheet Search
  English  ▼

X  

MP8792 Datasheet(PDF) 15 Page - MPS Industries, Inc.

Part # MP8792
Description  16V, 12A, Synchronous Step-Down Converter with Adjustable Current Limit,Configurable Frequency, and Voltage Tracking
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MPSIND [MPS Industries, Inc.]
Direct Link  http://www.mpsind.com/index.html
Logo MPSIND - MPS Industries, Inc.

MP8792 Datasheet(HTML) 15 Page - MPS Industries, Inc.

Back Button MP8792 Datasheet HTML 11Page - MPS Industries, Inc. MP8792 Datasheet HTML 12Page - MPS Industries, Inc. MP8792 Datasheet HTML 13Page - MPS Industries, Inc. MP8792 Datasheet HTML 14Page - MPS Industries, Inc. MP8792 Datasheet HTML 15Page - MPS Industries, Inc. MP8792 Datasheet HTML 16Page - MPS Industries, Inc. MP8792 Datasheet HTML 17Page - MPS Industries, Inc. MP8792 Datasheet HTML 18Page - MPS Industries, Inc. MP8792 Datasheet HTML 19Page - MPS Industries, Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 15 / 20 page
background image
MP8792 – 16V, 12A, SYNCHRONOUS STEP-DOWN CONVERTER
MP8792 Rev. 1.0
www.MonolithicPower.com
15
12/2/2019
MPS Proprietary Information. Patent Protected. Unauthorized Photocopy and Duplication Prohibited.
© 2019 MPS. All Rights Reserved.
input signal ranges from 0.3V to 1.4V. During
initial start-up, TRK/REF must reach 600mV to
ensure proper operation. After that, it can be set
to any value between 0.3V and 1.4V.
Pre-Biased Start-Up
The
MP8792
has
been
designed
for
a
monotonic start-up into pre-biased loads. If the
output is pre-biased to a certain voltage during
start-up, the IC disables switching for both the
high-side and low-side MOSFETs until the
voltage on the TRK/REF capacitor exceeds the
sensed output voltage at FB. If the BST voltage
(from BST to SW) is below 2.3V before the
TRK/REF voltage reaches the pre-biased FB
level, the LS-FET turns on to allow the BST
voltage to be charged through VCC. The LS-
FET turns on for narrow pulses, so the drop in
the pre-biased level is negligible.
Output Voltage Discharge
When the MP8792 is disabled through EN, it
enables output voltage discharge mode. This
causes both the HS-FET and LS-FET to latch
off. A discharge FET connected between SW
and PGND turns on to discharge the output
voltage. The typical switch on resistance of this
FET is about 80
Ω. Once VFB drops below 10%
of VREF, the discharge FET turns off.
Current Sense and Over-Current Protection
(OCP)
The MP8792 features an on-die current sense
(CS) and a configurable positive current limit
threshold.
The current limit is active when the MP8792 is
enabled. When the LS-FET is on, the SW
current
(inductor
current)
is
sensed
and
mirrored to CS with the ratio of GCS. By using a
resistor (RCS) from CS to AGND, VCS is
proportional to the SW current cycle by cycle.
The HS-FET turns on only when VCS drops
below the internal over-current protection (OCP)
voltage threshold (VLIM) while the LS-FET is on
to limit the SW valley current cycle by cycle.
Calculate the current limit threshold setting from
RCS with Equation (3):
)
2
1
)
(
(
)
(
SW
IN
O
O
IN
LIM
CS
LIM
CS
f
L
V
V
V
V
I
G
V
R
(3)
Where, VLIM = 1.2V, GCS = 20µA/A, and ILIM is
the desired output current limit (in A).
OCP hiccup mode is active 3ms after the
MP8792 is enabled. Once OCP hiccup is active,
if the MP8792 detects an over-current condition
for 31 consecutive cycles, or if VFB drops below
the under-voltage protection (UVP) threshold,
the device enters hiccup mode. In hiccup mode,
the
MP8792
latches
off
the
HS-FET
immediately, and latches off the LS-FET after
zero-current cross detection (ZCD). Meanwhile,
the TRK/REF capacitor is also discharged. After
about 11ms, the MP8792 automatically tries to
soft start.
If the over-current condition remains after 3ms
of running, the MP8792 repeats this operation
cycle until the over-current condition disappears.
Then the output voltage smoothly rises back to
the regulation level.
Negative Inductor Current limit
When the LS-FET detects a -9A current, the
part turns off the LS-FET for 200ns to limit the
negative current.
Output Sinking Mode (OSM)
The MP8792 employs output sinking mode
(OSM) to regulate the output voltage to the
targeted value. When VFB exceeds 104% of
VREF but is below the OVP threshold, it triggers
OSM. During OSM, the LS-FET remains on
until it reaches the -5.5A negative current limit.
Upon reaching -5.5A, the LS-FET turns off for
200ns; the HS-FET turns on during this period.
After 200ns, the LS-FET turns on again. The
MP8792 maintains this operation until VFB drops
below 102% of VREF. Once it does, the MP8792
exits OSM after 15 consecutive cycles of forced
CCM.
Over-Voltage Protection (OVP)
The MP8792 monitors the output voltage by
connecting FB to the tap of the output voltage
feedback resistor divider to detect an over-
voltage condition. This provides hiccup over-
voltage protection (OVP).
If VFB exceeds 116% of VREF, it triggers OVP.
The LS-FET remains on until it reaches the low-
side negative current limit (NOCP). Once it
reaches NOCP, the LS-FET turns off for 200ns;
the HS-FET turns on during this period.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com