Electronic Components Datasheet Search
  English  ▼

X  

MPM3612 Datasheet(PDF) 3 Page - MPS Industries, Inc.

Part # MPM3612
Description  3V to 22V Input, 1A, Ultra-Low 5μA IQ Power Module in an LGA Package
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MPSIND [MPS Industries, Inc.]
Direct Link  http://www.mpsind.com/index.html
Logo MPSIND - MPS Industries, Inc.

MPM3612 Datasheet(HTML) 3 Page - MPS Industries, Inc.

  MPM3612 Datasheet HTML 1Page - MPS Industries, Inc. MPM3612 Datasheet HTML 2Page - MPS Industries, Inc. MPM3612 Datasheet HTML 3Page - MPS Industries, Inc. MPM3612 Datasheet HTML 4Page - MPS Industries, Inc. MPM3612 Datasheet HTML 5Page - MPS Industries, Inc. MPM3612 Datasheet HTML 6Page - MPS Industries, Inc. MPM3612 Datasheet HTML 7Page - MPS Industries, Inc. MPM3612 Datasheet HTML 8Page - MPS Industries, Inc. MPM3612 Datasheet HTML 9Page - MPS Industries, Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 20 page
background image
MPM3612
– 22V, 1A, ULTRA-LOW IQ STEP-DOWN POWER MODULE
MPM3612 Rev. 1.0
MonolithicPower.com
3
3/15/2023
MPS Proprietary Information. Patent Protected. Unauthorized Photocopy and Duplication Prohibited.
© 2023 MPS. All Rights Reserved.
PIN FUNCTIONS
Pin #
Name
Description
1
EN
Enable control pin. Pull this pin to logic high to enable MPM3612; pull it to logic low to
disable the part. Do not float this pin.
2
VIN
Supply voltage. The MPM3612 operates from a 3V to 22V input rail. A capacitor is required
to decouple the input rail. Use wide PCB traces and multiple vias for the VIN power trace
during PCB layout.
3
GND
System ground. This pin is the reference ground for the regulated output voltage (VOUT),
and requires special consideration during PCB layout.
4, 5
VOUT
Module voltage output node.
6
FB
Feedback. This pin sets VOUT when connected to the tap of an external resistor divider that
is connected between VOUT and GND.
7
PG
Power good output. This pin is an open drain that indicates whether the power is good (no
under-voltage [UV] or over-voltage [OV] fault).
8
VCC
Internal 3.3V LDO output. The driver and control circuits are powered by the voltage from
this pin.
NC1
NC1
Not connected.
NC2
NC2
Not connected.
Exposed
pad
-
Exposed pad. Connect to GND.
ABSOLUTE MAXIMUM RATINGS (1)
VIN, VEN, VOUT ................................-0.3V to +24V
VSW..... -0.3V (-5V < 10ns) to +24V (28V < 10ns)
VBST ...................................................... VSW + 4V
VPG .............................................................. 6.5V
All other pins ................................-0.3V to +4.3V
Continuous power dissipation (TA = 25°C) (2)
................................................................. 1.78W
Junction temperature ................................150°C
Lead temperature .....................................260°C
Storage temperature ................ -65°C to +150°C
Recommended Operating Conditions (3)
Supply voltage (VIN) ............................3V to 22V
Output voltage (VOUT)............. 0.6V to VIN x DMAX
Operating junction temp (TJ) .... -40°C to +125°C
Thermal Resistance (4, 5, 6, 7)
LGA (3mmx3mmx2mm)
θJA…….….…..…..…..…..…..…..….....70.3°C/W
θJC_TOP…….….…..…..…..…..…..….....34.9°C/W
θJB…….….…..…..…..…..…..…..….....54.9°C/W
Notes:
1) Exceeding these ratings may damage the device.
2) The maximum allowable power dissipation is a function of the
maximum junction temperature TJ (MAX), the junction-to-
ambient thermal resistance θ
JA, and the ambient temperature
TA. The maximum allowable continuous power dissipation at
any ambient temperature is calculated by PD (MAX) = (TJ
(MAX) - TA) / θJA. Exceeding the maximum allowable power
dissipation produces an excessive die temperature, causing
the regulator to go into thermal shutdown. Internal thermal
shutdown circuitry protects the device from permanent
damage.
3) The device is not guaranteed to function outside of its operating
conditions.
4)
θ
JA is the junction-to-ambient thermal resistance, θJC_TOP is the
junction-to-case top thermal characterization parameter, and
θ
JB is the junction-to-board thermal characterization parameter.
5) The thermal parameter is based on test on the EVM3612-LQ-
00A evaluation board under no airflow cooling conditions in a
standard enclosure. The EVM3612-LQ-00A is a 6.4cmx6.4cm,
2-layer PCB, with a 2oz. top and bottom layer copper thickness.
6) The junction-to-case top thermal characterization parameter,
θ
JC_TOP, estimates the junction temperature in the real system,
based on TJ = θJC_TOP x PLOSS + TCASE_TOP, where PLOSS is the
module’s entire power loss in a real application, and T
CASE_TOP
is the case top temperature.
7) The junction-to-
board thermal characterization parameter, θ
JB,
estimates TJ in the real system, based on TJ = θJB x PLOSS +
TBOARD, where PLOSS is the module’s entire power loss in a real
application, and TBOARD is board temperature.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com