Electronic Components Datasheet Search
  English  ▼

X  

NB650GL Datasheet(PDF) 3 Page - MPS Industries, Inc.

Part # NB650GL
Description  High-Effeciency, Fast-Transient, 6A, 28V Synchronous Step-Down Converters with 2-Bit VID
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MPSIND [MPS Industries, Inc.]
Direct Link  http://www.mpsind.com/index.html
Logo MPSIND - MPS Industries, Inc.

NB650GL Datasheet(HTML) 3 Page - MPS Industries, Inc.

  NB650GL Datasheet HTML 1Page - MPS Industries, Inc. NB650GL Datasheet HTML 2Page - MPS Industries, Inc. NB650GL Datasheet HTML 3Page - MPS Industries, Inc. NB650GL Datasheet HTML 4Page - MPS Industries, Inc. NB650GL Datasheet HTML 5Page - MPS Industries, Inc. NB650GL Datasheet HTML 6Page - MPS Industries, Inc. NB650GL Datasheet HTML 7Page - MPS Industries, Inc. NB650GL Datasheet HTML 8Page - MPS Industries, Inc. NB650GL Datasheet HTML 9Page - MPS Industries, Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 20 page
background image
NB650/NB650H
– 6A, 28V, FAST-TRANSIENT, SYNCHRONOUS STEP-DOWN CONVERTERS
NB650/NB650H Rev. 1.13
www.MonolithicPower.com
3
10/7/2019
MPS Proprietary Information. Patent Protected. Unauthorized Photocopy and Duplication Prohibited.
Preliminary Specifications Subject to Change
© 2019 MPS. All Rights Reserved.
ELECTRICAL CHARACTERISTICS
VIN = 12V, TJ = +25°C, unless otherwise noted.
Parameters
Symbol
Condition
Min
Typ
Max
Units
Input Supply Current (Shutdown)
IIN
VEN = 0V
0
μA
Input Supply Current (Quiescent)
IIN
VEN = 2V, VFB =0.65V
400
μA
Switch Leakage
SWLKG
VEN = 0V, VSW = 0V or 12V
0
1
μA
Current Limit
ILIMIT
tON>200ns
8
10
A
One-Shot On Time
tON
RFREQ=200k
Ω, VOUT=1.2V
200
ns
Minimum Off Time
tOFF
RFREQ
=200kΩ
100
ns
Fold-back Off Time(5)
tFB
ILIM=1
1.2
μs
OCP hold-off time(5)
tOC
ILIM=1
50
μs
Feedback Voltage
VFB
594
600
606
mV
Feedback Current
IFB
VFB = 600mV
10
100
nA
Soft Start Charging Current
ISS
VSS=0V
10
μA
Soft Stop Charging Current
ISS
VSS=0.6V
10
μA
EN Input Low Voltage
VILEN
0.4
V
EN Input High Voltage
VIHEN
2
V
EN Input Current
IEN
VEN = 2V
1.5
μA
VEN = 0V
0
OVP Feedback Threshold
VFB-OV
0.8
V
UVP Feedback Threshold(5)
VFB-UV
0.4
V
VID Inputs Low Voltage
VILVID
0.4
V
VID Inputs High Voltage
VIHVID
2
V
VID Inputs Current
IVID
0
μA
Equivalent FB Slew Rate During VID
On-The-Fly(5)
SRFB
±20
mV/
μs
VID Switch On Resistance(5)
VIDRDS-ON
100
Ω
Power Good Rising Threshold
PGVth-Hi
0.9
VFB
Power Good Falling Threshold
PGVth-Lo
0.85
VFB
Power Good Delay
PGTd
0.5
ms
Power Good Sink Current Capability
VPG
Sink 4mA
0.4
V
Power Good Leakage Current
IPG_LEAK
VPG = 3.3V
10
nA
Standby Mode Delay Time(5)
tSTANDBY
12
μs
VIN Under Voltage Lockout Threshold
Rising
INUVVth
4
V
VIN Under Voltage Lockout Threshold
Hysteresis
INUVHYS
800
mV
Thermal Shutdown(5)
TSD
150
°C
Note:
5) Not tested. Not guaranteed.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com