Electronic Components Datasheet Search
  English  ▼

X  

79004FS Datasheet(PDF) 1 Page - Belden Inc.

Part # 79004FS
Description  SAFE-T-Line® Red 3 x 2.5 mm2 LPCB
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BELDEN [Belden Inc.]
Direct Link  https://www.belden.com/
Logo BELDEN - Belden Inc.

79004FS Datasheet(HTML) 1 Page - Belden Inc.

  79004FS Datasheet HTML 1Page - Belden Inc. 79004FS Datasheet HTML 2Page - Belden Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
Product: 79004FS
SAFE-T-Line® Red 3 x 2.5 mm2 LPCB
Product Description
Safe-T-Line 3 x 2.5 mm2 Fire resistant LPCB approved Multi-conductor, BS 6387 CWZ, EN 50200 PH120, Shielded, Silicone Rubber insulation, Low Smoke
Zero Halogen Jacket
Technical Specifications
Product Overview
Suitable Applications:
Circuit integrity
Physical Characteristics (Overall)
Conductor
Stranding
Material
No. of Conductors
Solid
BC - Bare Copper 3
Insulation
Material
Silicone Rubber
Color Chart
Number Color
Wire 1
Brown
Wire 2
Black
Wire 3
Gray
Outer Shield
Material
Coverage [%] Drainwire Material
Drainwire Diameter
Bi-Laminate (Alum+Poly) 100%
TC - Tinned Copper 0.8 mm
Table Notes:
Tape bonded to sheath
Outer Jacket
Material
Nominal Diameter
LSZH - Low Smoke Zero Halogen (Flame Retardant) 9.7 mm
Electrical Characteristics
Conductor DCR
Nominal Conductor DCR
7.41 Ohm/km
Voltage
Voltage Rating [V]
300/500 V
Temperature Range
Installation Temperature Range:
0°C To +70°C
Operating Temperature Range:
-40°C To +90°C


Similar Part No. - 79004FS

ManufacturerPart #DatasheetDescription
logo
Alpha Wire
79004 ALPHAWIRE-79004 Datasheet
407Kb / 4P
20 (10/30) AWG Tinned Copper
More results

Similar Description - 79004FS

ManufacturerPart #DatasheetDescription
logo
OptoDiode Corp
ODD-3W-2 OPTODIODE-ODD-3W-2 Datasheet
459Kb / 2P
RED ENHANCED 3.1 MM2 X 2 BI-CELL PHOTODIODE
logo
List of Unclassifed Man...
E2508-BLUE ETC2-E2508-BLUE Datasheet
104Kb / 1P
Cable Ferrule - Insulated 2.5 mm2
logo
LUMEX INC.
SSL-LX3052ID LUMEX-SSL-LX3052ID Datasheet
45Kb / 1P
T-3 (T-1) LED, RED DIFUSED
logo
OptoDiode Corp
SXUV5 OPTODIODE-SXUV5_15 Datasheet
364Kb / 2P
PHOTODIODE 2.5 mm2
logo
Lapp.
2170208 LAPP-2170208 Datasheet
249Kb / 2P
UNITRONIC® BUS 1BS P COMBI 3x2x0,22 mm2 3x1,0 mm2
15.07.2020
logo
Belden Inc.
79002FS BELDEN-79002FS Datasheet
180Kb / 2P
SAFE-T-Line® Red 2 x 2.5 mm2 LPCB
04-19-2023
79003FS BELDEN-79003FS Datasheet
138Kb / 2P
SAFE-T-Line® Red 3 x 1.5 mm2 LPCB
03-14-2023
79005FS BELDEN-79005FS Datasheet
139Kb / 2P
SAFE-T-Line® Red 4 x 1.5 mm2 LPCB
03-14-2023
79006FS BELDEN-79006FS Datasheet
139Kb / 2P
SAFE-T-Line® Red 4 x 2.5 mm2 LPCB
03-14-2023
79001FS BELDEN-79001FS Datasheet
181Kb / 2P
SAFE-T-Line® Red 2 x 1.5 mm2 LPCB
04-19-2023
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com