Electronic Components Datasheet Search
  English  ▼

X  

9513 Datasheet(PDF) 1 Page - Belden Inc.

Part # 9513
Description  High Perform Instr, 3 Pr #22 Str TC, PVC Ins E2, OS, PVC Jkt, PLTC
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BELDEN [Belden Inc.]
Direct Link  https://www.belden.com/
Logo BELDEN - Belden Inc.

9513 Datasheet(HTML) 1 Page - Belden Inc.

  9513 Datasheet HTML 1Page - Belden Inc. 9513 Datasheet HTML 2Page - Belden Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
Product: 9513
High Perform Instr, 3 Pr #22 Str TC, PVC Ins E2, OS, PVC Jkt, PLTC
Product Description
High Performance Instrumentation, 3 Pair 22AWG (7x30) Tinned Copper, PVC Insulation E2 Color Code, Overall Beldfoil® Shield, PVC Outer Jacket, PLTC
Technical Specifications
Product Overview
Suitable Applications:
Instrumentation, Sensors, Valves, Positioners, 4-20mA, 0-10V
Construction Details
Conductor
Element No. of Elements
Size
Stranding
Material
Pair(s)
3
22 AWG 7x30
TC - Tinned Copper
Insulation
Element
Material
Nom. Thickness
Nom. Insulation Diameter
Color Code
Pair(s)
PVC - Polyvinyl Chloride 0.017 in (0.43 mm) 0.062 in (1.6 mm)
ICEA Chart E2
Outer Shield
Shield Type
Material
Coverage
Drainwire Type
Tape
Bi-Laminate (Alum+Poly) 100%
22 AWG (7x30) TC
Outer Jacket
Separator
Material
Nom. Thickness
Nom. Diameter
Ripcord
Cotton Serve PVC - Polyvinyl Chloride 0.042 in (1.1 mm) 0.327 in (8.31 mm) Yes
Overall Cable Diameter (Nominal): 0.327 in (8.31 mm)
Electrical Characteristics
Electricals
Element Nom. Conductor DCR Nom. Capacitance Cond-to-Cond Nom. Capacitance Cond-to-Other (Conds + Shield)
Max. Current
Pair(s)
18.2 Ohm/1000ft
26 pF/ft (85 pF/m)
45 pF/ft (150 pF/m)
3.4 Amps per Conductor at 25ºC
Voltage
UL Voltage Rating
300 V (PLTC, CMG)
Mechanical Characteristics
Temperature
UL Temperature
Operating
105°C
-30°C to +105°C
Table Notes:
AWM 80°C
Bend Radius
Stationary Min. Installation Min.
3.3 in (84 mm)
3.3 in (84 mm)


Similar Part No. - 9513

ManufacturerPart #DatasheetDescription
logo
Keystone Electronics Co...
9513 KEYSTONE-9513 Datasheet
130Kb / 1P
MACHINE SCREW PAN PHILLIPS 10-32
logo
Weidmuller
9513870000 WEIDMULLER-9513870000 Datasheet
73Kb / 2P
STB 4 PAINTED
9513900000 WEIDMULLER-9513900000 Datasheet
73Kb / 2P
STB 4 PAINTED
More results

Similar Description - 9513

ManufacturerPart #DatasheetDescription
logo
Belden Inc.
9512 BELDEN-9512 Datasheet
170Kb / 2P
High Perform Instr, 2 Pr #22 Str TC, PVC Ins E2, OS, PVC Jkt, PLTC
04-14-2023
9521 BELDEN-9521 Datasheet
198Kb / 2P
High Perform Instr, 11 Pr #22 Str TC, PVC Ins E2, OS, PVC Jkt, PLTC
12-16-2022
9527 BELDEN-9527 Datasheet
214Kb / 2P
High Perform Instr, 27 Pr #22 Str TC, PVC Ins E2, OS, PVC Jkt, PLTC
04-14-2023
9516 BELDEN-9516 Datasheet
207Kb / 2P
High Perform Instr, 6 Pr #22 Str TC, PVC Ins E2, OS, PVC Jkt, PLTC
04-14-2023
9520 BELDEN-9520 Datasheet
201Kb / 2P
High Perform Instr, 9 Pr #22 Str TC, PVC Ins E2, OS, PVC Jkt, PLTC
04-14-2023
9514 BELDEN-9514 Datasheet
189Kb / 2P
High Perform Instr, 4 Pr #22 Str TC, PVC Ins E2, OS, PVC Jkt, PLTC
04-14-2023
9524 BELDEN-9524 Datasheet
221Kb / 2P
High Perform Instr, 15 Pr #22 Str TC, PVC Ins E2, OS, PVC Jkt, PLTC
12-16-2022
9526 BELDEN-9526 Datasheet
219Kb / 2P
High Perform Instr, 19 Pr #22 Str TC, PVC Ins E2, OS, PVC Jkt, PLTC
12-16-2022
9322 BELDEN-9322 Datasheet
168Kb / 2P
High Perform Instr, 1 Pr #22 Str TC, PVC Ins E2, OS, PVC Jkt, PLTC
04-14-2023
9553 BELDEN-9553 Datasheet
212Kb / 2P
High Perform Instr, 3 Pr #18 Str TC, PVC Ins E2, OS, PVC Jkt, PLTC
04-14-2023
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com