Electronic Components Datasheet Search
  English  ▼

X  

FR2001CT Datasheet(PDF) 1 Page - SUNMATE electronic Co., LTD

Part # FR2001CT
Description  FAST RECOVERY RECTIFIERS
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SUNMATE [SUNMATE electronic Co., LTD]
Direct Link  http://www.sunmate.tw/
Logo SUNMATE - SUNMATE electronic Co., LTD

FR2001CT Datasheet(HTML) 1 Page - SUNMATE electronic Co., LTD

  FR2001CT Datasheet HTML 1Page - SUNMATE electronic Co., LTD FR2001CT Datasheet HTML 2Page - SUNMATE electronic Co., LTD  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
Notes: 1. Thermal resistance from junction to case.
2. Test conditions: IF=0.5A, IR=1.0A, IRR=0.25A.
RATINGS
SYMBOL
UNIT
Maximum repetitive reverse voltage
VRRM
100
200
400
600
V
Maximum RMS voltage
VRMS
70
140
280
420
V
Maximum DC blocking voltage
VDC
100
200
400
600
V
Maximum average
forward current
IAV
A
20
Peak forward surge current,8.3ms single half
sine-wave superimposed on rated load
IFSM
250
A
Typical thermal resistance
per diode(Note 1)
Rθ-JC
°C/W
Operating junction temperature range
TJ
-55 to +150
°C
Storage temperature range
TSTG
-55 to +150
°C
Maximum forward voltage per leg at 10A
VF
1.30
V
Maximum average reverse current
TJ=25°C
at rated DC blocking voltage
TJ=125°C
IR
10
μA
250
Maximum reverse recovery time(Note 2)
TRR
150
nS
2.5
FR
2001CT
FR
2002CT
800
1000
560
700
800
1000
FR
2004CT
FR
2006CT
FR
2008CT
FR
2010CT
500
250
per device
per diode
10
FAST RECOVERY RECTIFIERS
FR2001CT - FR2010CT
1 of 2
www.sunmate.tw
 Glass passivated chip junctions
 Low reverse current operation
 Lead free in compliance with EU RoHS
2011/65/EU directive
 High Junction Temperature
 High Forward Surge Capability
 Fast recovery time for switchin
CURRENT: 20A
VOLTAGE RANGE: 100 - 1000V
Feaures
TO-220AB
Ø3.84
±0.15
10.0±0.2
1.3±0.2
0.8±0.2
2.54±0.1
1.27±0.10
4.5±0.2
2.5±0.2
0.38±0.10
PIN1
PIN3
PIN2
PIN2
PIN 1
PIN 3
PIN 2 &
(case)
 Leads:
 Polarity:
 Mounting torque:
 Terminals:
 Weight:
as marked
Solderable per mil-std-202, Method 208
5 in-lbs maximum
Puretin plated
TO-220AB 1.85 grams
 Circuit figure: Common cathode
Mechanical Data
Maximum Ratings And Electrical Characteristics T
A = 25
°C


Similar Part No. - FR2001CT

ManufacturerPart #DatasheetDescription
logo
Seoul Semiconductor
FR2001H-D SEOUL-FR2001H-D Datasheet
661Kb / 11P
Surface-mounted chip LED device
FR2001H-T SEOUL-FR2001H-T Datasheet
660Kb / 11P
Surface-mounted chip LED device
FR2001H-W SEOUL-FR2001H-W Datasheet
660Kb / 11P
Surface-mounted chip LED device
More results

Similar Description - FR2001CT

ManufacturerPart #DatasheetDescription
logo
EIC discrete Semiconduc...
S5295B EIC-S5295B Datasheet
44Kb / 2P
FAST RECOVERY RECTIFIERS
logo
Galaxy Semi-Conductor H...
ERD29-02 BILIN-ERD29-02 Datasheet
57Kb / 2P
FAST RECOVERY RECTIFIERS
FR05-12 BILIN-FR05-12 Datasheet
59Kb / 2P
FAST RECOVERY RECTIFIERS
logo
HY ELECTRONIC CORP.
FR301 HY-FR301 Datasheet
90Kb / 2P
FAST RECOVERY RECTIFIERS
logo
SeCoS Halbleitertechnol...
FR201 SECOS-FR201_15 Datasheet
166Kb / 2P
Fast Recovery Rectifiers
SMF101MH SECOS-SMF101MH_15 Datasheet
369Kb / 3P
Fast Recovery Rectifiers
logo
Leshan Radio Company
1F3 LRC-1F3_15 Datasheet
189Kb / 7P
Fast Recovery Rectifiers
1N4936 LRC-1N4936_15 Datasheet
200Kb / 7P
Fast Recovery Rectifiers
1N4947 LRC-1N4947_15 Datasheet
200Kb / 7P
Fast Recovery Rectifiers
logo
Taiwan Semiconductor Co...
BA157 TSC-BA157_14 Datasheet
379Kb / 4P
Fast Recovery Rectifiers
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com