Electronic Components Datasheet Search
  English  ▼

X  

REL-70 Datasheet(PDF) 1 Page - Integrated Power Designs Inc.

Part # REL-70
Description  70 WATTS SINGLE/MULTI OUTPUT AC-DC
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IPDPOWER [Integrated Power Designs Inc.]
Direct Link  https://www.ipdpower.com/
Logo IPDPOWER - Integrated Power Designs Inc.

REL-70 Datasheet(HTML) 1 Page - Integrated Power Designs Inc.

  REL-70 Datasheet HTML 1Page - Integrated Power Designs Inc. REL-70 Datasheet HTML 2Page - Integrated Power Designs Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
70 WATTS
SINGLE/MULTI OUTPUT AC-DC
FEATURES:
CHASSIS/COVER
OPEN FRAME
SAFETY SPECIFICATIONS
Underwriters Laboratories
File E137708/E140259
UL 62368-1:2014, 2nd Edition
CAN/CSA-C22.2 No. 62368-1-14
AAMI/ANSI ES60601-1:2005/(R) 2012
CAN/CSA-C22.2 No. 60601-1:2014
CB Reports/Certificates (including all
National and Group Deviations)
IEC 62368-1:2014, 2nd Edition
IEC 60601-1:2005/A1:2012
TUV SUD America
EN 62368-1:2014, 2nd Edition
EN 60601-1:2006/A1:2013
Low Voltage Directive
(2014/35/EU of February 2014)
RoHS Directive (Recast)
(2011/65/EU of June 2011)
Electrical Equipment (Safety) Regulations 2016 SI No. 1101
Restriction of the Use of Certain Hazardous Substances in EEE Regulations
2012 SI No. 3032 + 2019 SI No.492
MODEL LISTING
MODEL NO. OUTPUT 1
OUTPUT 2
OUTPUT 3
OUTPUT 4
REL-70-4001
+3.3V/6A
+5V/5A
+12V/2A(21)
-12V/2A(21)
REL-70-4002
+5V/6A
+3.3V/5A
+12V/2A(21)
-12V/2A(21)
REL-70-4003
+5V/6A
+3.3V/5A
+15V/2A(21)
-15V/2A(21)
REL-70-4004
+5V/6A
-5V/5A
+12V/2A(21)
-12V/2A(21)
REL-70-4005
+5V/6A
-5V/5A
+15V/2A(21)
-15V/2A(21)
REL-70-4006
+5V/6A
+24V/2A
+12V/2A(21)
-12V/2A(21)
REL-70-4007
+5V/6A
+24V/2A
+15V/2A(21)
-15V/2A(21)
REL-70-4009
6.7V/5A
5V/4A
+15V/2A(21)
-15V/2A(21)
REL-70-3001
+5V/6A
+12V/2A
-12V/2A(21)
REL-70-3002
+5V/6A
+15V/2A
-15V/2A(21)
REL-70-3003
+5.1V/6A
+7.5V/2A
-7.5V/2A(21)
REL-70-3004
+3.3V/6A
+7V/5A
+12V/2A(21)
REL-70-2001
+3.3V/6A
+5V/5A
REL-70-2002
+5V/6A
+12V/4A
REL-70-2003
+5V/6A
+24V/2A
REL-70-2004
+12V/3A
-12V/3A
REL-70-2005
+15V/3A
-15V/2A
REL-70-2006
+5.5V/6A
-5.5V/5A
REL-70-1001
2.5V/14A(20)
REL-70-1002
3.3V/14A(20)
REL-70-1003
5V/14A(20)
REL-70-1004
12V/5.8A
REL-70-1005
15V/4.7A
REL-70-1006
24V/2.9A
REL-70-1007
28V/2.5A
REL-70-1008
48V/1.5A
ORDERING INFORMATION
Consult factory for alternate output configurations.
Consult factory for positive, negative or floating outputs.
Please specify the following optional features when ordering:
CH - Chassis
I/O - Isolated Outputs
CO - Cover
TS - Terminal Strip
REL-70
OUTPUT SPECIFICATIONS
Total Output Power at 50°C(1)
50W
Convection Cooled(16)(18)
(See Derating Chart)
70W
300LFM Forced-Air Cooled(15)(17)(19)
Output Voltage Centering
Output 1:
 0.5%
(All outputs at 50% load)
Output 2,3,4:
 5.0%
Output Voltage Adjust Range
Output 1:
95 - 105%
Load Regulation
Output 1:
0.5%
(10-100% load change)
Output 2:
5.0%
(4001-5)
8.0%
(2001)
8.0%
Output 3:
5.0%
Output 4:
5.0%
Source Regulation
Outputs 1 – 4:
0.5%
Cross Regulation
Outputs 2 – 4:
5.0%
Output Noise
Outputs 1 – 4:
1.0%
Turn on Overshoot
None
Transient Response
Outputs 1 – 4
Voltage Deviation
5.0%
Recovery Time
500
S
Load Change
50% to 100%
Output Overvoltage Protection
Output 1:
110% to 150%
Output Overpower Protection
110-160% rated Pout, cycle on/off, auto recovery
Hold Up Time
16mS min., Full Power, 85V Input
Start Up Time
4 Seconds, 120V Input
INPUT SPECIFICATIONS
Protection Class
I
Source Voltage
85 – 264 Volts AC
Frequency Range
47 – 63 Hz
Peak Inrush Current
40A
Efficiency
78% Typ., Full Power, 230V, varies by model
Power Factor
0.95 (Full Power, 230V)
ENVIRONMENTAL SPECIFICATIONS
Ambient Operating
0
C to + 70C
Temperature Range
Derating: See Power Rating Chart
Ambient Storage Temp. Range
- 40
C to + 85C
Temperature Coefficient
Outputs 1 – 4:
0.02%/
C
Altitude
3,000m ASL – Operating – Medical 60601-1
5,000m ASL – Operating – ITE/AV – 62368-1
12,192m ASL – Non-Operating
GENERAL SPECIFICATIONS
Means of Protection
Primary to Secondary
2MOPP (Means of Patient Protection)
Primary to Ground
1MOPP (Means of Patient Protection)
Secondary to Ground
Operational Insulation(Consult factory for 1MOPP)
Dielectric Strength(8, 9)
Reinforced Insulation
5656 VDC, Primary to Secondary
Basic Insulation
2121 VDC, Primary to Ground
Operational Insulation
707 VDC, Secondary to Ground
Leakage Current
Earth Leakage
<300µA NC, <1000µA SFC
Touch Current
<100µA NC, <500µA SFC
Power Fail Signal(14)
Logic low with input power failure 10 ms
minimum prior to Output 1 dropping 1%
Remote Sense (singles only)(10)
250mV compensation of output cable losses
Mean-Time Between Failures
100,000 Hours min., MIL-HDBK-217F, 25° C, GB
Weight
0.60 Lbs.
Open Frame
1.00 Lbs.
Chassis and Cover
EMC SPECIFICATIONS (IEC 60601-1-2:2014, 4TH ED./IEC 61000-6-2:2005)
Electrostatic Discharge
EN 61000-4-2
8KV contact / 15KV air discharge
A
Radiated Electromagnetic Field
EN 61000-4-3
80MHz-2.7GHz, 10V/m, 80% AM
A
Electrical Fast Transients/Bursts
EN 61000-4-4
2 KV, 5KHz/100KHz
A
Surge Immunity
EN 61000-4-5
2 KV line to earth / 1 KV line to line A
Conducted Immunity
EN 61000-4-6
0.15 to 80MHz, 10V, 80% AM
A
Magnetic Field Immunity
EN 61000-4-8
30A/m, 60 Hz.
A
Voltage Dips
EN 61000-4-11 0% UT, 0.5 cycles, 0-315° 100/240V A/A
0% UT, 1 cycles, 0°
100/240V A/A
40% UT, 10/12 cycles, 0° 100/240V B/A
70% UT, 25/30 cycles, 0° 100/240V B/A
Voltage Interruptions
EN 61000-4-11 0% UT, 300 cycles, 0°
100/240V B/B
Radiated Emissions
EN 55011/32
Class B
Conducted Emissions
EN 55011/32
Class B
Harmonic Current Emissions
EN 61000-3-2
Class A
Voltage Fluctuations/Flicker
EN 61000-3-3
Compliant
All specifications are maximum at 25°C/70W unless otherwise stated, may vary by model and are
subject to change without notice.
• Compact 2.5 x 4.5" x 1.2" Size
• 2 Year Warranty
• Universal 85-264V Input
• One to Four Outputs
• High Efficiency
• 0-70°C Operating Temperature
• IEC 60601-1 3rd ed. Medical Cert.
• IEC 62368-1 2nd Certification
• IEC 60601-1-2 4th ed. EMC
• Class B Emissions per EN55011/32
• RoHS Compliant
• Optional Chassis/Cover
INTEGRATED
POWER DESIGNS 300 Stewart Road ■ Wilkes-Barre, PA 18706 ■ Phone: (570) 824-4666 ■ Fax: (570) 824-4843 ■ Email: sales@ipdpower.com ■ Web: www.ipdpower.com


Similar Part No. - REL-70

ManufacturerPart #DatasheetDescription
logo
Integrated Power Design...
REL-110 IPDPOWER-REL-110 Datasheet
357Kb / 2P
110 WATTS SINGLE/MULTI OUTPUT AC-DC
REL-110-1001 IPDPOWER-REL-110-1001 Datasheet
357Kb / 2P
110 WATTS SINGLE/MULTI OUTPUT AC-DC
REL-110-1002 IPDPOWER-REL-110-1002 Datasheet
357Kb / 2P
110 WATTS SINGLE/MULTI OUTPUT AC-DC
REL-110-1003 IPDPOWER-REL-110-1003 Datasheet
357Kb / 2P
110 WATTS SINGLE/MULTI OUTPUT AC-DC
REL-110-1004 IPDPOWER-REL-110-1004 Datasheet
357Kb / 2P
110 WATTS SINGLE/MULTI OUTPUT AC-DC
More results

Similar Description - REL-70

ManufacturerPart #DatasheetDescription
logo
Powerbox
TR70 POWERBOX-TR70 Datasheet
614Kb / 1P
70 WATTS SINGLE OUTPUT AC/DC GENERAL
logo
Integrated Power Design...
CE-150 IPDPOWER-CE-150 Datasheet
579Kb / 2P
150 WATTS SINGLE/MULTI OUTPUT AC-DC
REV V 10/6/2022
CE-225 IPDPOWER-CE-225 Datasheet
375Kb / 2P
225 WATTS SINGLE/MULTI OUTPUT AC-DC
REV. Y 10/6/2022
DC2-70 IPDPOWER-DC2-70 Datasheet
362Kb / 2P
70 WATTS SINGLE/MULTI OUTPUT DC-DC
REV. V 10/06/2022
DC4-70 IPDPOWER-DC4-70 Datasheet
359Kb / 2P
70 WATTS SINGLE/MULTI OUTPUT DC-DC
REV. V 10/06/2022
ELS-120 IPDPOWER-ELS-120 Datasheet
347Kb / 2P
120 WATTS SINGLE/MULTI OUTPUT AC-DC
Rev. X 10/06/2022
REL-110 IPDPOWER-REL-110 Datasheet
357Kb / 2P
110 WATTS SINGLE/MULTI OUTPUT AC-DC
REL-150 IPDPOWER-REL-150 Datasheet
412Kb / 3P
150 WATTS SINGLE/MULTI OUTPUT AC-DC
SRP-25 IPDPOWER-SRP-25 Datasheet
330Kb / 2P
25 WATTS SINGLE/MULTI OUTPUT AC-DC
SRP-40A IPDPOWER-SRP-40A Datasheet
342Kb / 2P
40 WATTS SINGLE/MULTI OUTPUT AC-DC
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com