Electronic Components Datasheet Search
  English  ▼

X  

HSS4148 Datasheet(PDF) 1 Page - Renesas Technology Corp

Part # HSS4148
Description  Silicon Epitaxial Planar Diode for Various Detector, Modulator, Demodulator
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

HSS4148 Datasheet(HTML) 1 Page - Renesas Technology Corp

  HSS4148 Datasheet HTML 1Page - Renesas Technology Corp HSS4148 Datasheet HTML 2Page - Renesas Technology Corp HSS4148 Datasheet HTML 3Page - Renesas Technology Corp HSS4148 Datasheet HTML 4Page - Renesas Technology Corp HSS4148 Datasheet HTML 5Page - Renesas Technology Corp  
Zoom Inzoom in Zoom Outzoom out
 1 / 5 page
background image
Rev.1.00 Sep 17, 2004 page 1 of 4
HSS4148
Silicon Epitaxial Planar Diode for Various Detector,
Modulator, Demodulator
REJ03G0404-0100
Rev.1.00
Sep 17, 2004
Features
• Low capacitance. (C = 4.0 pF max)
• Short reverse recovery time. (t
rr = 4.0 ns max)
• Suitable for 5mm-pitch high speed automatic insertion.
Ordering Information
Type No.
Cathode band
Mark
Package Code
HSS4148
Black
1
MHD
Pin Arrangement
1. Cathode
2. Anode
Cathode band
Type No.
1
2


Similar Part No. - HSS4148

ManufacturerPart #DatasheetDescription
logo
Copal Electronics
HSS COPAL-HSS Datasheet
286Kb / 1P
Miniature Slide Switches
logo
Samtec, Inc
HSS-101-G-1A SAMTEC-HSS-101-G-1A Datasheet
1Mb / 1P
PRECISION MACHINED SOCKET STRIPS
HSS-101-G-1B SAMTEC-HSS-101-G-1B Datasheet
1Mb / 1P
PRECISION MACHINED SOCKET STRIPS
HSS-101-G-1C SAMTEC-HSS-101-G-1C Datasheet
1Mb / 1P
PRECISION MACHINED SOCKET STRIPS
HSS-101-G-2 SAMTEC-HSS-101-G-2 Datasheet
1Mb / 1P
PRECISION MACHINED SOCKET STRIPS
More results

Similar Description - HSS4148

ManufacturerPart #DatasheetDescription
logo
Hitachi Semiconductor
1S2076 HITACHI-1S2076 Datasheet
27Kb / 6P
Silicon Epitaxial Planar Diode for Various Detector, Modulator, Demodulator
1S2076A HITACHI-1S2076A Datasheet
27Kb / 6P
Silicon Epitaxial Planar Diode for Various Detector, Modulator, Demodulator
HSU88 HITACHI-HSU88 Datasheet
21Kb / 5P
Silicon Schottky Barrier Diode for Various Detector, Mixer
logo
NEC
PH313 NEC-PH313 Datasheet
36Kb / 2P
SILICON EPITAXIAL PLANAR PIN PHOTO DIODE DETECTOR
logo
Hitachi Semiconductor
HSC88 HITACHI-HSC88 Datasheet
21Kb / 5P
Silicon Schottky Barrier Diode for Various Detector, Mixer
logo
Renesas Technology Corp
1N4148 RENESAS-1N4148 Datasheet
56Kb / 5P
Silicon Epitaxial Planar Diode for Various Detector, Modulator, Demodulator
1SS106 RENESAS-1SS106 Datasheet
63Kb / 5P
Silicon Schottky Barrier Diode for Various Detector, High Speed Switching
1SS198 RENESAS-1SS198 Datasheet
61Kb / 5P
Silicon Schottky Barrier Diode for Various Detector, High Speed Switching
HSM198S RENESAS-HSM198S Datasheet
140Kb / 5P
Silicon Schottky Barrier Diode for Various Detector
HSC88 RENESAS-HSC88 Datasheet
74Kb / 5P
Silicon Schottky Barrier Diode for Various Detector, Mixer
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com